Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74LV574N Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IN74LV574N
Description  Octal D-type flip-flop; positive edge-trigger (3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LV574N Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IN74LV574N Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LV574N Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LV574N Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LV574N Datasheet HTML 4Page - IK Semicon Co., Ltd IN74LV574N Datasheet HTML 5Page - IK Semicon Co., Ltd IN74LV574N Datasheet HTML 6Page - IK Semicon Co., Ltd IN74LV574N Datasheet HTML 7Page - IK Semicon Co., Ltd IN74LV574N Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IN74LV574
TIMING REQUIREMENTS CL=50 pF, tr=tf=2.5 ns)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
-40
°C to 25°C
85
°C
125
°C
Unit
min
max
min
max
min
max
tw
Pulse Width, Clock (high) V
I = 0 V or V1
Figures 1,3
1.2
2.0
2.7
3.0
4.5
120
29
21
17
15
-
-
-
-
-
34
25
20
-
-
-
41
30
24
-
-
-
ns
tsu
Setup Time, Data to Clock V
I = 0 V or V1
Figures 1,5
1.2
2.0
2.7
3.0
4.5
40
19
14
11
9
-
-
-
-
-
22
16
13
-
-
-
26
19
15
-
-
-
ns
th
Hold Time, Clock to Data V
I = 0 V or V1
Figures 1,5
1.2
2.0
2.7
3.0
5
5
5
5
-
-
-
-
5
5
5
5
-
-
-
-
5
5
5
5
-
-
-
-
ns
fc
Clock Frequency
VI = 0 V or V1
Figures 1,3
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
2
17
21
27
31
-
-
-
15
19
24
-
-
-
12
16
20
MHz
VOL and VOH are the typical output voltage drop that occur with the output load.
Figure 3. Switching Waveforms
5


Similar Part No. - IN74LV574N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV574N INTEGRAL-IN74LV574N Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results

Similar Description - IN74LV574N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com