Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0606N3 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN0606N3
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0606N3 Datasheet(HTML) 2 Page - Supertex, Inc

  TN0606N3 Datasheet HTML 1Page - Supertex, Inc TN0606N3 Datasheet HTML 2Page - Supertex, Inc TN0606N3 Datasheet HTML 3Page - Supertex, Inc TN0606N3 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-52
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θ
jc
θ
ja
I
DR*IDRM
@ TC = 25°C
°C/W
°C/W
TO-92
0.8A
3.2A
1W
125
170
0.8A
3.2A
TO-220
3.0A
4.1A
45W
2.7
70
3.0A
4.1A
* I
D (continuous) is limited by max rated Tj.
TN0606/TN0610
Thermal Characteristics
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Switching Waveforms and Test Circuit
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
TN0610
100
TN0606
60
V
GS(th)
Gate Threshold Voltage
0.6
2.0
V
V
GS = VDS, ID = 1mA
∆V
GS(th)
Change in V
GS(th) with Temperature
-4.5
mV/
°CV
GS = VDS, ID = 1mA
IGSS
Gate Body Leakage
100
nA
VGS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
10
µAV
GS = 0V, VDS = Max Rating
1.0
mA
V
GS = 0V, VDS = 0.8 Max Rating
T
A = 125°C (note 2)
I
D(ON)
ON-State Drain Current
1.2
2.0
V
GS = 5V, VDS = 25V
3.0
6.7
VGS = 10V, VDS = 25V
15
V
GS = 3V, ID = 0.25A
R
DS(ON)
1.5
2.0
V
GS = 5V, ID = 0.75A
1.0
1.5
VGS = 10V, ID = 0.75A
∆R
DS(ON)
Change in R
DS(ON) with Temperature
0.75
%/
°CV
GS = 10V, ID = 0.75A
G
FS
Forward Transconductance
0.4
0.5
V
DS = 25V, ID = 1.0A
CISS
Input Capacitance
100
150
C
OSS
Common Source Output Capacitance
50
85
C
RSS
Reverse Transfer Capacitance
10
35
td(ON)
Turn-ON Delay Time
6
t
r
Rise Time
14
t
d(OFF)
Turn-OFF Delay Time
16
tf
Fall Time
16
V
SD
Diode Forward Voltage Drop
0.8
1.8
V
V
GS = 0V, ISD = 1.5A
t
rr
Reverse Recovery Time
300
ns
V
GS = 0V, ISD = 1.5A
Notes:
1. All D.C. parameters 100% tested at 25
°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
A
VVGS = 0V, ID = 1mA
Drain-to-Source
Breakdown Voltage
Static Drain-to-Source
ON-State Resistance
VGS = 0V, VDS = 25V
f = 1 MHz
pF
Electrical Characteristics (@ 25
°C unless otherwise specified)
V
DD = 25V
ns
I
D = 1.5A
R
GEN = 25Ω


Similar Part No. - TN0606N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN0606N3-G SUTEX-TN0606N3-G Datasheet
631Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0606N3-GP002 SUTEX-TN0606N3-GP002 Datasheet
631Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0606N3-GP003 SUTEX-TN0606N3-GP003 Datasheet
631Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0606N3-GP005 SUTEX-TN0606N3-GP005 Datasheet
631Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0606N3-GP013 SUTEX-TN0606N3-GP013 Datasheet
631Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN0606N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com