Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74123 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IN74123
Description  Dual Monostable Multivibrator with Clear
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74123 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IN74123 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74123 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74123 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74123 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74123 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IN74123
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
6.0
V
VIN
Input Voltage
-0.5 to 6.0
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may accur.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
IOL
Low Level Output Current
16
mA
IOH
High Level Output Current
-0.8
mA
REXT
External Timing Resistance
5.0
50
k
CEXT
External Capacitance
No Restriction
REXT/CEXT
Wiring Capacitance at REXT/CEXT Terminale
50
pF
TA
Operating Temperature
-10
+70
°C
tW
Pulse Width
A or B inputs high
40
50
ns
A or B inputs low
40
50
Clear low
40
50
DC ELECTRICAL CHARACTERISTICS (TA=+25°C)
Symbol
Parameter
Test Conditions
Guaranteed Limit
Unit
Min
Typ
Max
VIK
Input Clamp Voltage
VCC=min, IIN=-12 mA
-1.5
V
VOH
High-Level Output
Voltage
VCC=min, IOH=-0.8 mA
VIL=0.8 V, VIH=2.0 V
2.4
3.5
V
VOL
Low-Level Output
Voltage
VCC=min, IOL=16 mA
VIL=0.8 V, VIH=2.0 V
0.3
0.4
V
IIH
High Level Input
VCC=max,
A, B inputs
40
µA
Current
VIN=2.4V
Clear input
80
II
Input Current at
Maximum Input Voltage
VCC=max, VIN=5.5 V
1.0
mA
IIL
Low Level Input
VCC=max,
A, B inputs
-1.6
mA
Current
VIN=0.4V
Clear input
-3.2
IOS
Short Circuit Current
One Output Shorted at a
Time
VCC=max, VO=0 V
-10
-40
mA
ICC
Supply Current
VCC=max
47
66
mA
2


Similar Part No. - IN74123

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74123 INTEGRAL-IN74123 Datasheet
321Kb / 5P
   Dual Monostable Multivibrator with Clear
IN74123N INTEGRAL-IN74123N Datasheet
321Kb / 5P
   Dual Monostable Multivibrator with Clear
More results

Similar Description - IN74123

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74123 KODENSHI-KK74123 Datasheet
337Kb / 5P
   Dual Monostable Multivibrator with Clear
logo
Integral Corp.
IN74123 INTEGRAL-IN74123 Datasheet
321Kb / 5P
   Dual Monostable Multivibrator with Clear
logo
Renesas Technology Corp
HD74LS122 RENESAS-HD74LS122 Datasheet
82Kb / 8P
   Retriggerable Monostable Multivibrator (with Clear)
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com