Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74180 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74180
Description  9-Bit ODD/EVEN Parity Generators/Checkers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74180 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74180 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74180 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74180 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74180 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74180
AC ELECTRICAL CHARACTERISTICS (T = 25°C, VCC = 5.0 V, CL = 15 pF,
RL = 390 Ω, Input tr = tf = 10 ns)
Symbol
Parameter
Test Conditions
Min
Max
Unit
tPLH
Propagation Delay Time, Low to High Level
Output (from Data to
Σ EVEN)
60
ns
tPHL
Propagation Delay Time, High to Low Level
Output (from Data to
Σ EVEN)
ODD input grounded
68
tPLH
Propagation Delay Time, Low to High Level
Output (from Data to
Σ ODD)
48
ns
tPHL
Propagation Delay Time, High to Low Level
Output (from Data to
Σ ODD)
38
tPLH
Propagation Delay Time, Low to High Level
Output (from Data to
Σ EVEN)
48
ns
tPHL
Propagation Delay Time, High to Low Level
Output (from Data to
Σ EVEN)
EVEN input grounded
38
tPLH
Propagation Delay Time, Low to High Level
Output (from Data to
Σ ODD)
60
ns
tPHL
Propagation Delay Time, High to Low Level
Output (from Data to
Σ ODD)
68
tPLH
Propagation Delay Time, Low to High Level
Output (from EVEN or ODD to
Σ EVEN or Σ ODD)
20
ns
tPHL
Propagation Delay Time, High to Low Level
Output (from EVEN or ODD to
Σ EVEN or Σ ODD)
10
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 3. Test Circuit
3


Similar Part No. - IN74180

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74123 INTEGRAL-IN74123 Datasheet
321Kb / 5P
   Dual Monostable Multivibrator with Clear
logo
IK Semicon Co., Ltd
IN74123 IKSEMICON-IN74123 Datasheet
322Kb / 5P
   Dual Monostable Multivibrator with Clear
logo
Integral Corp.
IN74123N INTEGRAL-IN74123N Datasheet
321Kb / 5P
   Dual Monostable Multivibrator with Clear
logo
IK Semicon Co., Ltd
IN74123N IKSEMICON-IN74123N Datasheet
322Kb / 5P
   Dual Monostable Multivibrator with Clear
IN74128 IKSEMICON-IN74128 Datasheet
173Kb / 3P
   QUAD 2-INPUT NOR LINE DRIVER
More results

Similar Description - IN74180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Hitachi Semiconductor
HD74LS280 HITACHI-HD74LS280 Datasheet
58Kb / 6P
   9-bit Odd/Even Parity Generators/Checkers
logo
KODENSHI_AUK CORP.
KK74180 KODENSHI-KK74180 Datasheet
259Kb / 4P
   9-Bit ODD/EVEN Parity Generators/Checkers
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Texas Instruments
SN54LS280 TI1-SN54LS280_15 Datasheet
901Kb / 17P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54180 TI-SN54180 Datasheet
109Kb / 4P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENRATORS/CHECKERS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com