Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHC08D Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74VHC08D
Description  Quad 2-Input AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHC08D Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74VHC08D Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHC08D Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHC08D Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHC08D Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHC08D Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHC08D Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74VHC08
DC electrical characteristics
Value
Unit
Symbo
l
Parameter
Test conditions
VCC,
V
25
°C
–40
to 85
°C
min
max
min
max
VHigh level input
voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1 V
2.0
3.0
4.5
5.5
1.5
0.7 VCC
0.7 VCC
0.7 VCC
-
1.5
0.7 VCC
0.7 VCC
0.7 VCC
-
V
VIL Low level input
voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1 V
2.0
3.0
4.5
5.5
-
0.5
0.3 VCC
0.3 VCC
0.3 VCC
0.5
0.3 VCC
0.3 VCC
0.3 VCC
VOH High level output
voltage
VI = Vor VIL
I= -50 uA
2.0
3.0
4.5
5.5
1.92
2.92
4.42
5.42
-
1.9
2.9
4.4
5.4
-
VI = Vor VIL
I= -4 mA
3.0
2.58
2.48
VI = Vor VIL
I= -8 mA
4.5
3.94
3.8
VOL Low level output
voltage
VI = Vor VIL
IOL = 50 uA
2.0
3.0
4.5
5.5
-
0.09
0.09
0.09
0.09
-
0.1
0.1
0.1
0.1
VI = Vor VIL
IOL = 4 mA
3.0
0.36
0.44
VI = Vor VIL
IOL = 8 mA
4.5
0.36
0.44
IIL
Low
level
input
current
VI = 0 В
5.5
-0.1
-1.0
uA
IHigh level input
current
VI = VCC
5.5
0.1
1.0
IIН1 High level input
current
VI = 5.5 В
0
0.1
1.0
ICC Consumption
current
VI = 0 В или VCC
5.5
2.0
20
4


Similar Part No. - IN74VHC08D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHC08D INTEGRAL-IN74VHC08D Datasheet
255Kb / 6P
   Quad 2-Input AND Gate
More results

Similar Description - IN74VHC08D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com