Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHC125N Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74VHC125N
Description  SQUAD 3-STATE NONINVERTING BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHC125N Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74VHC125N Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHC125N Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHC125N Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHC125N Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHC125N Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHC125N Datasheet HTML 6Page - IK Semicon Co., Ltd IN74VHC125N Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74VHC125
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbo
l
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
2.0
1.5
1.5
V
VIH High input voltage
3.0-5.5 0.7Vcc
0.7Vcc
2.0
0.5
0.5
VIL Low input voltage
3.0-5.5
0.3Vcc
0.3Vcc
2.0
1.92
1.9
3.0
2.92
2.9
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.52
5.4
VI = VIH or VIL;
IO = -4 mA
3.0
2.58
2.48
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
2.0
0.09
0.1
3.0
0.09
0.1
4.5
0.09
0.1
VI = VIH orVIL
IO = 50 mkA
5.5
0.09
0.1
VI = VIH or VIL
IO = 4 mA
3.0
0.36
0.44
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
IOZ
Output
current
in
"off" state
VI = VIH or VIL
VO = VCC or 0V
5.5
-
±0.25
-
±2.5
mkA
II
Input current
VI = 5.5V or 0V
0 – 5.5
-
±0.1
-
±1.0
ICC
Consumption current VI =VCC or 0V 5.5
-
4.0
-
40.0
4


Similar Part No. - IN74VHC125N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHC125N INTEGRAL-IN74VHC125N Datasheet
282Kb / 7P
   SQUAD 3-STATE NONINVERTING BUFFERS
More results

Similar Description - IN74VHC125N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHC125 KODENSHI-KK74VHC125 Datasheet
303Kb / 7P
   SQUAD 3-STATE NONINVERTING BUFFERS
logo
Integral Corp.
IN74VHC125 INTEGRAL-IN74VHC125 Datasheet
282Kb / 7P
   SQUAD 3-STATE NONINVERTING BUFFERS
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
Integral Corp.
IN74VHC126 INTEGRAL-IN74VHC126 Datasheet
282Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74ACT125 INTEGRAL-IN74ACT125 Datasheet
247Kb / 5P
   Quad 3-State Noninverting Buffers
IN74VHCT125 INTEGRAL-IN74VHCT125 Datasheet
265Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74HC125A KODENSHI-KK74HC125A Datasheet
213Kb / 6P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com