Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM-20-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NFM-20-5
Description  20W Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NFM-20-5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NFM-20-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NFM-20-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
fosc:90KHz
BlockDiagram
MechanicalSpecification
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
FileName:NFM-20-SPEC2007-09-19
20WOutputSwitchingPowerSupply
PWM
CIRCUIT
DETECTION
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
ING
CONTROL
I/P
FG
EMI
FILTER
3
4
2
1
CN2
MountingHoles
4-0.13"(3.3mm)Dia
T2A/250V
FG
FG
T2A/250V
ACInputConnector(CN1):Molex41791-03orequivalent
DCOutputConnector(CN2):Molex41791-04orequivalent
PinNo.
PinNo.
1
1,2
3
2
3,4
Assignment
Assignment
AC/L
AC/N
NoPin
-V
+V
MatingHousing
MatingHousing
Molex2139
Molex2139
Molex2478
Molex2478
orequivalent
orequivalent
orequivalent
orequivalent
Terminal
Terminal
2
3
1
0.15"
(3.8mm)
3.2"(81.3mm)
3.5"(88.9mm)
ToChassisGrounding
Unit:inch(mm)
DeratingCurve
N F M - 2 0 series


Similar Part No. - NFM-20-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NFM-20-5 MEANWELL-NFM-20-5 Datasheet
254Kb / 2P
   20W Output Switching Power Supply
NFM-20-5 MEANWELL-NFM-20-5 Datasheet
269Kb / 2P
   20W Output Switching Power Supply
More results

Similar Description - NFM-20-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_12 Datasheet
269Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_12 Datasheet
387Kb / 2P
   20W Output Switching Power Supply
IRM-20 MEANWELL-IRM-20 Datasheet
163Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_10 Datasheet
372Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_09 Datasheet
254Kb / 2P
   20W Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPC-20 MEANWELL-LPC-20_11 Datasheet
91Kb / 2P
   20W Single Output Switching Power Supply
LPC-20 MEANWELL-LPC-20_12 Datasheet
91Kb / 2P
   20W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com