Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD50SHF2BM Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # DD50SHF2BM
Description  D-SUBMINIATURE RIGHT ANGLE MACHINED CONTACT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DD50SHF2BM Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  DD50SHF2BM Datasheet HTML 1Page - Adam Technologies, Inc. DD50SHF2BM Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
91
D-SUBMINIATURE
RIGHT ANGLE MACHINED CONTACT
DPH & DSH SERIES
.112
[2.84]
.
125
[3.18]
.112
[2.84
.405
[10.28]
.494
[12.55]
.329
[8.36]
.235
[5.97]
"X"
.112 [2.84]
ø.120
[3.05]
.112 [2.84]
X
.235
[5.97]
.125
[3.18]
#4-40 UNC
.329
[8.36]
.112
[2.84]
.405
[10.28]
ø.120
[3.05]
1.541 [39.14]
1.312 [33.32]
15
.994 [25.25]
2.500 [63.50]
1.852 [47.04]
37
25
2.182 [55.43]
1.534 [38.96]
2.729 [69.32]
2.088 [53.04]
.984 [24.99]
DIMENSIONS
Positions
9
.666 [16.92]
A
C
1.213 [30.81]
B
.971 [24.66]
2.159 [54.84]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
2.402 [61.00]
50
2.790 [52.80]
2.646 [67.20]
2.016 [52.34]
Unit: Inch / mm
1.744 [44.32]
.436 [11.08]
D
1.310 [33.24]
1.963 [49.86]
.763 [19.39]
ø.043 [1.09]
ø.125 [3.18]
.109
[2.77]
.109
[2.77]
ø.125 [3.18]
.112 [2.84]
.112 [2.84]
"X" = FO OTPRINT DISTANCE
C = .283 [7.20] FOOTPRINT
G = .370 [9.40] FOOTPRINT
F = .545 [13.84] FOOTPRINT
F = .545 [13.84] FOOTPRINT
G = .370 [9.40] FOOTPRINT
C = .283 [7.20] FOOTPRINT
"X" = FO OTPRINT DISTANCE
ø.120
[3.05]
#4-40
UNC
#4-40
UNC
D
#4-40 UNC
A
B
C
]
A
B
C
.494
[12.55]
B
D
D
B
D
ø.043 [1.09]
PLUG
SOCKET
Recommended PCB Layout 50 Position
Recommended PCB Layout 9, 15, 25 & 37 Position
PCB MOUNTING OPTIONS
MATING FACE MOUNTING OPTIONS
Option 1: Without Bracket
Option 2: Bracket with Board Lock
Option 3: Bracket with .120'' Mounting Hole
Option C: .120'' Mounting Hole
Option D: #4-40 Threaded Insert
Option E: #4-40 Threaded Insert
with removable Jack Screws
Choice of Plastic or Metal Bracket
Metal Bracket version shown
Choice of Plastic or Metal Bracket
Metal Bracket version shown


Similar Part No. - DD50SHF2BM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DD50S-0L2-A197 ITT-DD50S-0L2-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DD50S-1A5N-A197 ITT-DD50S-1A5N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DD50S-1A6N-A197 ITT-DD50S-1A6N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DD50S-1A7N-A197 ITT-DD50S-1A7N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DD50S-1A8N-A197 ITT-DD50S-1A8N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DD50SHF2BM

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
105-0854-001 EMERSON-NETWORKPOWER-105-0854-001 Datasheet
363Kb / 1P
   Insulated: Machined Contact
logo
List of Unclassifed Man...
774-EYY-113RYY1 ETC2-774-EYY-113RYY1 Datasheet
327Kb / 3P
   MALE-0370 RIGHT ANGLE-MACHINED-ECONOMY
logo
Adam Technologies, Inc.
DB25-PL-25 ADAM-TECH-DB25-PL-25 Datasheet
240Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DPD2510B3 ADAM-TECH-DPD2510B3 Datasheet
192Kb / 2P
   D-SUBMINIATURE DUAL PORT, STACKED, RIGHT ANGLE
DB25SN24 ADAM-TECH-DB25SN24 Datasheet
232Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .197 [5.00] SLIMLINE
DB25SL24 ADAM-TECH-DB25SL24 Datasheet
134Kb / 1P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DB25SQSA4 ADAM-TECH-DB25SQSA4 Datasheet
381Kb / 3P
   D-SUBMINIATURE RIGHT ANGLE .590 [15.00] MOUNT
logo
List of Unclassifed Man...
781-MYY-113RYY1 ETC2-781-MYY-113RYY1 Datasheet
324Kb / 4P
   MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
logo
Adam Technologies, Inc.
DB25SS24 ADAM-TECH-DB25SS24 Datasheet
227Kb / 2P
   D-SUBMINIATURE SMT RIGHT ANGLE .118" [3.00] SLIMLINE
logo
EDAC, All Rights Reserv...
629M-SERIES EDAC-629M-SERIES Datasheet
328Kb / 3P
   629M Series D-Sub Connectors | Machined Pins | Two Contact Rows with .370"(9.40mm) Footprint Right Angle Bend | Plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com