Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSD05-48S5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NSD05-48S5
Description  5W DC-DC Regulated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NSD05-48S5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NSD05-48S5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NSD05-48S5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PinNo. Assignment
1
4
2
3
5
+INPUT
-INPUT(GND)
+VOUT
CONTROL
-VOUT
PinNo.
PinNo.
Assignment
Assignment
O.V.P.
CONTROL
I/P
-VOUT
+VOUT
RECTIFIERS
&
FILTER
SWITCHING
POWER
O.L.P.
DETECTION
CIRCUIT
PWM
TRL
C
CONTROL INPUT.....................................PIN5
CONTROL COMMON................................PIN2
LOGICCOMPATIBILITY......CMOSOROPENCOLLECTOR TTL
CONTROL VOLTAGE
ON............+5.5VDCminOROPENCIRCUIT
OFF......+2.5VDCmax.ORSHORT TOPIN2
AMBIENTTEMPERATURE(
)
10
20
30
40
50
60
70
20
40
60
75
80
100
-25
0
-10
(HORIZONTAL)
0.64mmsquarepins
2
30.48[1.2]
40.6[1.6]
10.16[0.4]
5
4
1
3
5WDC-DCRegulatedSingleOutput
N S D 0 5 - S series
ON/OFFControl
BlockDiagram
MechanicalSpecification
Unit:mm[inch]
FileName:NSD05-S-SPEC2008-01-30
DeratingCurve
+VIN
C
-VIN
+VOUT
-VOUT
1
2
5
4
3
LOAD
TRL
fosc:350KHz


Similar Part No. - NSD05-48S5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD05-48S5 MEANWELL-NSD05-48S5 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
NSD05-48S5 MEANWELL-NSD05-48S5 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
More results

Similar Description - NSD05-48S5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD05-S MEANWELL-NSD05-S_10 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
NSD05-S MEANWELL-NSD05-S_11 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05 MEANWELL-SLW05 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SCW05 MEANWELL-SCW05_11 Datasheet
162Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB05 MEANWELL-SPB05 Datasheet
61Kb / 1P
   5W DC-DC Regulated Single Output Converter
logo
Murata Manufacturing Co...
NMXD0515SOC MURATA-NMXD0515SOC Datasheet
179Kb / 3P
   Isolated 5W Regulated Single & Dual Output DC/DC Converters
logo
Mean Well Enterprises C...
DLW05 MEANWELL-DLW05 Datasheet
187Kb / 1P
   5W DC-DC Regulated Dual Output Converter
DCW05 MEANWELL-DCW05 Datasheet
191Kb / 1P
   5W DC-DC Regulated Dual Output Converter
PSD-05-SPEC MEANWELL-PSD-05-SPEC Datasheet
287Kb / 2P
   5W Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com