Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHC373DW Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74VHC373DW
Description  Octal d-type latch with three state outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHC373DW Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74VHC373DW Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHC373DW Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHC373DW Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHC373DW Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHC373DW Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHC373DW Datasheet HTML 6Page - IK Semicon Co., Ltd IN74VHC373DW Datasheet HTML 7Page - IK Semicon Co., Ltd IN74VHC373DW Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IN74VHC373
Absolute maximum conditions*
Parameter, unit
Symbol
Value
min
max
Supply voltage, V
VCC
-0.5
7.0
Input voltage, V
Vin
-0.5
7.0
Output voltage, V
Vout
-0.5
Vcc+0.5V
Input diode current, mA
Iik
-20
Current of common output and supply
output, mA
Icc
± 75
Output current, mA
Iout
± 25
Output diode current, mA
Iok
± 20
Dissipated power, mW
Pd
180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is
guaranteed under maximum conditions
Maximum conditions
Symbol
Value
Parameter, unit
min
max
Supply voltage, V
VCC
2.0
5.5
Input voltage,V
Vin
0
VCC
Output voltage, V
Vout
0
VCC
Output current, mA
Iout
± 8.0
Input rise and fall time, ns/V
at Vcc = (3.3 ± 0.3) V
at Vcc = (5.0 ± 0.5) V
tLH, tHL
0
0
100
20
3


Similar Part No. - IN74VHC373DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHC373DW INTEGRAL-IN74VHC373DW Datasheet
322Kb / 8P
   Octal d-type latch with three state outputs
More results

Similar Description - IN74VHC373DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHC373 INTEGRAL-IN74VHC373 Datasheet
322Kb / 8P
   Octal d-type latch with three state outputs
logo
KODENSHI_AUK CORP.
KK74VHC373 KODENSHI-KK74VHC373 Datasheet
317Kb / 8P
   Octal d-type latch with three state outputs
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
logo
Motorola, Inc
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com