Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30A-6P2J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # P30A-6P2J
Description  12~27WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P30A-6P2J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  P30A-6P2J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P30A-6P2J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
MechanicalSpecification
DeratingCurve
FileName:P30A-SPEC2008-05-08
Unit:mm
Plug Assignment
18
POWERLED
106
108
36
ID2.1xOD5.5
11
Standardplug:P2J(option)
P/N
CENTER
OUTPUT
+
P2J
69.9
RUBBERFOOTX4
NAMEPLATE
R1
3
16AWGSPT-11230+100/-0for3.3V
18AWGSPT-11530+100/-0for5V
18AWGSPT-11830+100/-0forothers
Ta(
)
0
10
20
30
40
50
70
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
12~27W AC-DCSingleOutputDesktop
P 3 0 A series


Similar Part No. - P30A-6P2J

ManufacturerPart #DatasheetDescription
logo
Semikron International
P30 SEMIKRON-P30 Datasheet
127Kb / 3P
   For stud devices
logo
Ferroxcube Internationa...
P30 FERROXCUBE-P30 Datasheet
88Kb / 9P
   P cores and accessories
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P30 MACOM-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P30 AMPHENOL-P30 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
More results

Similar Description - P30A-6P2J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P30B MEANWELL-P30B Datasheet
146Kb / 2P
   12~27WAC-DC Single Output Desktop
GS15A MEANWELL-GS15A_11 Datasheet
155Kb / 2P
   12~15WAC-DC Single Output Desktop
GS15B MEANWELL-GS15B_11 Datasheet
231Kb / 2P
   12~15WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
   90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
   220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
   160WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com