Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHCT74D Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74VHCT74D
Description  Dual D Flip-Flop with Set and Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHCT74D Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74VHCT74D Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHCT74D Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHCT74D Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHCT74D Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHCT74D Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHCT74D Datasheet HTML 6Page - IK Semicon Co., Ltd IN74VHCT74D Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74VHCT74
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbo
l
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
VIH High input voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1
4.5 –
5.5
2.0
2.0
-
2.0
2.0
-
V
VIL Low input voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1
4.5 –
5.5
0.8
0.8
0.8
0.8
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.42
5.4
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
4.5
0.09
0.1
VI = VIH or VIL
IO = 50 mkA
5.5
0.09
0.1
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
II
Low
level
input
current
VI = 0 V
5.5
-0.1
-1.0
IIH
High
level
input
current
VI = VCC
5.5
-
0.1
-
1.0
IIH1 High
level
input
current
VI = 5.5V
0
-
0.1
-
1.0
uA
IOPD Output bias current
excess mode
VI = 5.5V
0
0.5
-
5.0
ICC
Consumption current VI =VCC or 0V
5.5
-
2.0
-
20.0
ICCT TTL-input
consumption current
VI = 3.4 V
5.5
-
1.35
-
1.5
mA
4


Similar Part No. - IN74VHCT74D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHCT74D INTEGRAL-IN74VHCT74D Datasheet
287Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results

Similar Description - IN74VHCT74D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com