Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74VHCT126D Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IN74VHCT126D
Description  Quad 3-State Noninverting Buffers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHCT126D Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IN74VHCT126D Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHCT126D Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHCT126D Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHCT126D Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHCT126D Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHCT126D Datasheet HTML 6Page - IK Semicon Co., Ltd IN74VHCT126D Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IN74VHCT126
- Time diagram of input and output pulses
0.5
0.5
t
LH
t
HL
3.0 V
0V
G
1.5 V
t
PZH
t
PZL
t
PHZ
t
PLZ
Y
Y
V
OH
0
V
V
CC
V
OL
0.9
0.9
0.1
0.1
0.9
0.1
1.5 V
Fig. 1
0.5
1.5 V
1.5 V
t
LH
t
HL
t
PHL
t
PLH
3.0 V
GND
A
Y
0 V
0.9
0.9
0.1
0.1
V
CC
0.5
Fig.2
6


Similar Part No. - IN74VHCT126D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHCT126D INTEGRAL-IN74VHCT126D Datasheet
266Kb / 7P
   Quad 3-State Noninverting Buffers
More results

Similar Description - IN74VHCT126D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
   Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
MC74HC126ANG ONSEMI-MC74HC126ANG Datasheet
148Kb / 8P
   Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com