Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CERA80U Datasheet(PDF) 8 Page - Adam Technologies, Inc.

Part # CERA80U
Description  CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

CERA80U Datasheet(HTML) 8 Page - Adam Technologies, Inc.

  CERA80U Datasheet HTML 1Page - Adam Technologies, Inc. CERA80U Datasheet HTML 2Page - Adam Technologies, Inc. CERA80U Datasheet HTML 3Page - Adam Technologies, Inc. CERA80U Datasheet HTML 4Page - Adam Technologies, Inc. CERA80U Datasheet HTML 5Page - Adam Technologies, Inc. CERA80U Datasheet HTML 6Page - Adam Technologies, Inc. CERA80U Datasheet HTML 7Page - Adam Technologies, Inc. CERA80U Datasheet HTML 8Page - Adam Technologies, Inc. CERA80U Datasheet HTML 9Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
177
PCI & MINI PCI EXPRESS
1.00mm & 0.8mm CARD EDGE CONNECTOR
PCIE SERIES
PCI EXPRESS
THRU HOLE PCB MOUNT
MINI PCI EXPRESS
.343
[8.70]
.039 [1.00]
PIN 1
.070
[1.78]
.459
[11.65]
A
.394
[10.00]
.053 [1.35]
.398
[10.10]
.165
[4.20]
.039
[1.00]
.301 [7.65]
1.522 [38.65]
2.821 [71.65]
.852 [21.65]
PART NO. &
PCIE-36-1
POSITIONS
A
.984 [25.00]
2.205 [56.00]
3.504 [89.00]
1.535 [39.00]
.236 [6.00]
C
1.457 [37.00]
2.756 [70.00]
.787 [20.00]
DIMENSIONS
B
.872 [22.15]
2.840 [72.15]
1.541 [39.15]
.321 [8.15]
D
PCIE-64-1
PCIE-98-1
PCIE-164-1
.079 [2.00]
.009 [0.25]
.295
[7.50]
.079 [2.00]
.098 [2.50]
.033
[0.85]
.156
[3.97]
.170
[4.32]
.012
[0.32]
.065 [1.65]
.071 [1.80]
B
C
.452
[11.50]
.305
[7.75]
.649
[16.50]
.588
[14.95]
.649
[16.50]
.305
[7.75] .452
[11.50]
.588
[14.95]
.984 [25.0]
.035
[0.90]
ø.059
[1.50]
.340
[8.65]
1.024 [26.0]
1.178 [29.90]
A
B
C
MPE-52-R-SMT-2.0-TR
MPE-52-R-SMT-3.2-TR
MPE-52-R-SMT-3.8-TR
MPE-52-R-SMT-3.8A-TR
MPE-52-R-SMT-4.95-
TR
MPE-52-R-SMT-6.25-
TR
MPE-52-R-SMT-7.0-TR
MPE-52-R-SMT-9.0-TR
4.0
5.2
5.6
5.8
6.7
8.0
9.0
9.9
1.4
2.6
3.2
3.2
4.35
5.65
6.4
7.4
2.00
3.20
3.80
3.80
4.95
6.25
7.0
8.0
P/N
DIM A
DIM B
DIM C
.535 [13.6]
.221[5.6]
.077 [1.95]
.032 [0.80]
.093 [2.35]
1.57 [4.0]
.220 [5.6]
.536 [13.6]
.114 [2.9]
.260 [6.6]
.331[8.4]
.047 [1.2]
.177 [4.5]
.193 [4.9]
PCI LATCHING OPTIONS
PCI Express Latch Option - Left Side
PCI Express Latch Option - Right Side


Similar Part No. - CERA80U

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CERA80U ADAM-TECH-CERA80U Datasheet
115Kb / 1P
   CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results

Similar Description - CERA80U

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CE98U ADAM-TECH-CE98U Datasheet
115Kb / 1P
   CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
   .100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
   .100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
   .100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com