Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL44608N100 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IL44608N100
Description  External Components Reliable and Flexible SMPS Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL44608N100 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IL44608N100 Datasheet HTML 3Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 4Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 5Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 6Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 7Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 8Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 9Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 10Page - IK Semicon Co., Ltd IL44608N100 Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IL44608N
Overvoltage Protection
The IL44608 offers two OVP functions:
– a fixed function that detects when VCC is higher than
15.4 V
– a programmable function that uses the demag pin.
The current flowing into the demag pin is mirrored and
compared to the reference current Iovp (120 µA). Thus
this OVP is quicker as it is not impacted by the VCC inertia
and is called QOVP.
In both cases, once an OVP condition is detected, the
output is latched off until a new circuit START–UP.
Start–up Management
The Vi pin 8 is directly connected to the HV DC rail
Vin. This high voltage current source is internally con-
nected to the VCC pin and thus is used to charge the VCC
capacitor. The VCC capacitor charge period corresponds to
the Start–up phase. When the VCC voltage reaches 13 V,
the high voltage 9.0 mA current source is disabled and the
device starts working. The device enters into the switching
phase.
It is to be noticed that the maximum rating of the Vi
pin 8 is 500 V. ESD protection circuitry is not currently
added to this pin due to size limitations and technology
constraints. Protection is limited by the drain–substrate
junction in avalanche breakdown. To help increase the
application safety against high voltage spike on that pin it
is possible to insert a small wattage 1.0 k Ω series resistor
between the Vin rail and pin 8.
The Figure 7 shows the VCC voltage evolution in case
of no external current source providing current into the
VCC pin during the switching phase. This case can be en-
countered in SMPS when the self supply through an auxil-
iary winding is not present (strong overload on the SMPS
output for example). The Figure 17 also depicts this work-
ing configuration. In case of the hiccup mode, the duty
cycle of the switching phase is in the range of 10%.
Mode Transition
The LW latch Figure 8 is the memory of the working
status at the end of every switching sequence.
Two different cases must be considered for the logic at
the termination of the SWITCHING PHASE:
1. No Over Current was observed
2. An Over Current was observed
These 2 cases are corresponding to the signal labeled
NOC in case of “No Over Current” and “OC” in case of
Over Current. So the effective working status at the end of
the ON time memorized in LW corresponds to Q=1 for no
over current and Q=0 for over current.
This sequence is repeated during the Switching phase.
Several events can occur:
1. SMPS switch OFF
2. SMPS output overload
3. Transition from Normal to Pulsed Mode
4. Transition from Pulsed Mode to Normal Mode
1. SMPS Switch off
When the mains is switched OFF, so long as the bulk
electrolithic bulk capacitor provides energy to the SMPS,
the controller remains in the switching phase. Then the
peak current reaches its maximum peak value, the switch-
ing frequency decreases and all the secondary voltages are
reduced. The VCC voltage is also reduced. When VCC is
equal to 10 V, the SMPS stops working.
7


Similar Part No. - IL44608N100

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL44608N100 IKSEMICON-IL44608N100 Datasheet
342Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N100 IKSEMICON-IL44608N100 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
More results

Similar Description - IL44608N100

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL44608 IKSEMICON-IL44608 Datasheet
342Kb / 13P
   External Components Reliable and Flexible SMPS Controller
IL44608N IKSEMICON-IL44608N_16 Datasheet
712Kb / 13P
   External Components Reliable and Flexible SMPS Controller
logo
ON Semiconductor
MC44608 ONSEMI-MC44608_06 Datasheet
248Kb / 15P
   Few External Components Reliable and Flexible SMPS Controller
May, 2006 ??Rev. 8
MC44608 ONSEMI-MC44608 Datasheet
266Kb / 16P
   Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
January, 2000 ??Rev. 2
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com