Electronic Components Datasheet Search |
|
XC6501P201HL Datasheet(PDF) 4 Page - Torex Semiconductor |
|
XC6501P201HL Datasheet(HTML) 4 Page - Torex Semiconductor |
4 / 21 page 4/21 XC6501 Series ■ELECTRICAL CHARACTERISTICS ●XC6501 Series Ta=25℃ PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT 2.0V>VOUT (T) (*3) VCE=VIN, IOUT=10mA -0.02 (*4) +0.02 (*4) Output Voltage VOUT(E) (*2) 2.0V≦VOUT (T) VCE=VIN, IOUT=10mA ×0.99 (*4) VOUT (T) ×1.01 (*4) V ① Maximum Output Current IOUTMAX VCE=VIN 200 - - mA ① Load Regulation ΔVOUT VCE=VIN, 0.1mA≦IOUT≦100mA - 15 45 mV ① Dropout Voltage (*5) Vdif VCE=VIN , IOUT=100mA E-1 mV ① Supply Current IDD VIN=VCE=6.0V, IOUT=0mA E-2 μ A ② Stand-by Current Istby VIN=6.0V, VCE=VSS - 0.01 0.1 μ A ② Line Regulation ΔVOUT ΔVIN・VOUT VOUT(T)+0.5V≦VIN≦6.0V, VCE=VIN, IOUT=30mA - 0.10 0.20 %/V ① Input Voltage VIN 1.4 - 6.0 V ① Output Voltage Temperature Characteristics ΔVOUT ΔTa・VOUT VCE=VIN, IOUT=30mA -40℃≦Ta≦85℃ - ±100 - ppm/℃ ① VOUT(T)≦4.75V VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC VCE=VIN, IOUT=30mA, f=1kHz Ripple Rejection Rate PSRR VOUT(T)≧4.80V VIN=5.75VDC+0.5Vp-pAC VCE=VIN, IOUT=30mA, f=1kHz - 50 - dB ③ Current Limit ILIM VCE=VIN 210 300 - mA ① Short Circuit Current ISHORT VCE=VIN, VOUT is short-circuited at the VSS level - 25 - mA ① CE High Level Voltage VCEH 1.0 - 6.0 V ① CE Low Level Voltage VCEL VSS - 0.25 V ① XC6501A/B/P -0.1 - 0.1 CE High Level Current ICEH VIN=VCE=6.0V XC6501C/D 3.5 6.0 10 μ A ① CE Low Level Current ICEL VCE=VSS -0.1 - 0.1 μ A ① VIN=6.0V, VOUT=1.2V, VCE=VSS - 250 300 Ω CL Auto-Discharge Resistance (*8) RDCHG VIN=6.0V, VOUT=5.0V, VCE=VSS - 400 480 Ω ① Notes: *1: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T) (*3)+1.0V. *2: VOUT(E): An actual output voltage when an amply stabilized IOUT (VOUT(T)+1.0V) is input.. *3: VOUT(T): Nominal output voltage value *4: VOUT(E): Effective output voltage value *5: Vdif={VIN1 (*7) – VOUT1(*6)} *6: VOUT1: A voltage equal to 98% of the output voltage when an amply stabilized IOUT (VOUT(T)+1.0V) is input. *7: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased. *8: This function is built in the XC6501B/D series only. The XC6501A/C series discharges by resistors R1+ R2 only as shown in the block diagrams. |
Similar Part No. - XC6501P201HL |
|
Similar Description - XC6501P201HL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |