Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-05 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PM-05
Description  5W Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PM-05 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PM-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PM-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:PM-05-SPEC2007-09-19
fosc:67KHz
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
BlockDiagram
MechanicalSpecification
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
5WOutputSwitchingPowerSupply
FILTER
I/P
EMI
FILTER
RECTIFIERS
&
RECTIFIERS
CONTROL
SWITCH-
PWM
ING
POWER
DETECTION
CIRCUIT
&
FILTER
+V
-V
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
CaseNo.948A
Unit:inch(mm)
0.138"
(3.5mm)
DeratingCurve
P M - 0 5 series
AC/N
AC/L
+V
-V
VIEW
BOTTOM
0.295"
(7.5mm)
0.689"(17.5mm)
1.97"(50mm)
0.59"(15mm)
0.789"(20.04mm)
0.776"(19.7mm)


Similar Part No. - PM-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
PM-05-15 MEANWELL-PM-05-15 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-15 MEANWELL-PM-05-15 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05 Datasheet
232Kb / 2P
   5W Output Switching Power Supply
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
PS-05 MEANWELL-PS-05 Datasheet
288Kb / 2P
   5W Single Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
   5W Output Switching IRM-05 series Power Supply
2013-07-09
logo
MORNSUN Science& Techno...
LO05-00B05E MORNSUN-LO05-00B05E Datasheet
390Kb / 4P
   5W, AC-DC switching power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com