Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN7200 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IN7200
Description  AUTOMOTIVE DIGITAL CLOCK IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN7200 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IN7200 Datasheet HTML 1Page - IK Semicon Co., Ltd IN7200 Datasheet HTML 2Page - IK Semicon Co., Ltd IN7200 Datasheet HTML 3Page - IK Semicon Co., Ltd IN7200 Datasheet HTML 4Page - IK Semicon Co., Ltd IN7200 Datasheet HTML 5Page - IK Semicon Co., Ltd IN7200 Datasheet HTML 6Page - IK Semicon Co., Ltd IN7200 Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IN7200
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Current
IDD
No output loads
0.5
mA
High Level Output Current
(1)
IOH1
VDD-VSS=3.0V, VDD-VOUT=0.5V
250
µA
High Level Output Current
(2)
IOH2
VDD-VSS=3.0V, VDD-VOUT=0.5V
400
µA
(1) for segment other than bc4, ad2, 1Hz
(2) for segment bc4, ad2, 1Hz and CLOUT
(3) for CLOUT
(4) for DS1, DS2, RES, HS, MS and BLK
(5) for T1, T2, T3 and AC
PIN CONFIGURATION
BLK
DS1
DS2
bc4
g3
e3
d3
c3
g2
e2
c2
g1
e1
d1
c1
CLK
CLOUT
AC
VSS
21
20
40
1
IN7200
VDD
T3
T2
f3
a3
b3
1HZ
f2
ad2
b2
f1
a1
b1
T1
MS
HS
RES
OI
OO
40-DIP MS-011AC
2


Similar Part No. - IN7200

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN7200 INTEGRAL-IN7200 Datasheet
281Kb / 7P
   AUTOMOTIVE DIGITAL CLOCK IC
More results

Similar Description - IN7200

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN7100 INTEGRAL-IN7100 Datasheet
316Kb / 7P
   AUTOMOTIVE DIGITAL CLOCK IC
IN7200 INTEGRAL-IN7200 Datasheet
281Kb / 7P
   AUTOMOTIVE DIGITAL CLOCK IC
logo
KODENSHI_AUK CORP.
KK7100 KODENSHI-KK7100 Datasheet
334Kb / 7P
   AUTOMOTIVE DIGITAL CLOCK IC
logo
IK Semicon Co., Ltd
IN7100 IKSEMICON-IN7100 Datasheet
208Kb / 8P
   AUTOMOTIVE DIGITAL CLOCK IC
logo
Princeton Technology Co...
PT16598 PTC-PT16598 Datasheet
300Kb / 5P
   Automotive Digital Clock IC With LCD Driver
PT6398 PTC-PT6398 Datasheet
430Kb / 5P
   Automotive Digital Clock
PT6398 PTC-PT6398_10 Datasheet
430Kb / 5P
   Automotive Digital Clock
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
logo
OKI electronic componet...
MSM5547 OKI-MSM5547 Datasheet
117Kb / 10P
   Digital Clock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com