Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL33197AN-01 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IL33197AN-01
Description  Automotive Wash Wiper Timer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL33197AN-01 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IL33197AN-01 Datasheet HTML 1Page - IK Semicon Co., Ltd IL33197AN-01 Datasheet HTML 2Page - IK Semicon Co., Ltd IL33197AN-01 Datasheet HTML 3Page - IK Semicon Co., Ltd IL33197AN-01 Datasheet HTML 4Page - IK Semicon Co., Ltd IL33197AN-01 Datasheet HTML 5Page - IK Semicon Co., Ltd IL33197AN-01 Datasheet HTML 6Page - IK Semicon Co., Ltd IL33197AN-01 Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IL33197A
Figure 4. Switching Waveform W/W and INT Active
T1 Debounce Timing
The criteria for an input signal to be detected is that it should be active at two successive negative internal clock edges.
The inputs are sampled on the negative edge of the internal clock. If two consecutive samples are the same, the input is
detected as being in that state. Hence the time T1 from a signal becoming active to the time that the circuit responds can
be anytime from 4 x tb1 to 2 x 4 x tb1 (due to synchronizing the input to the oscillator period) when the oscillator is
oscillating with a time base of tb1 and 4 x tb2 to 2 x 4 x tb2, when the oscillator is oscillating with a time base of tb2.
The following table summarizes all T1 debounce timings:
Condition
Debounce Time
INT Active
4 x tb1 to 2 x 4 x tb1
INT Inactive
4 x tb1 to 2 x 4 x tb1
W/W Active When INT Inactive
4 x tb1 to 2 x 4 x tb1
W/W Active When INT Active During T3
4 x tb1 to 2 x 4 x tb1
W/W Active When INT Active During T4
4 x tb1 to 2 x 4 x tb2
Two IL33197A Devices Using One Decoupling Resistor and Capacitor
Two devices may be connected to the power source using a common R1 resistor for protection against overvoltages. If
this is done it should be noted that the current flowing through R1 is increased and hence the voltage drop across
R1 is increased.
Overvoltage Protection
In reference to the Block Diagram and Typical Application, all of the foregoing operational cases require:
R1
≥100 Ω, C1≥47 µF
R3
≥1.0 kΩ, R4≥4.7 kΩ, R5≥4.7 kΩ
The circuit will not operate during the transient conditions. By using the above component values, the circuit will
be able to sustain the following overvoltages on Vbb without permanent damage:
1. +28 V for 5 minutes
2. –15 V for 5 minutes
3. –16 V cycled off for 1.0 minute
4. +80 V pulse decaying exponentially to 8.0 V in 400 ms repeated 3 times at 1.0 minute intervals.
5.
±300 V pulse decaying exponentially to 30 V in 300 ms with a maximum energy of 1.0 Joule.
6.
±100 V pulse decaying exponentially to 10 V in 2 ms.
5


Similar Part No. - IL33197AN-01

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33197A IKSEMICON-IL33197A_16 Datasheet
337Kb / 7P
   Automotive Wash Wiper Timer
More results

Similar Description - IL33197AN-01

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK33197A KODENSHI-KK33197A Datasheet
222Kb / 7P
   Automotive Wash Wiper Timer
logo
IK Semicon Co., Ltd
IL33197A IKSEMICON-IL33197A_16 Datasheet
337Kb / 7P
   Automotive Wash Wiper Timer
logo
Motorola, Inc
MC33197A MOTOROLA-MC33197A Datasheet
267Kb / 8P
   Automotive Wash Wiper Timer
logo
Integral Corp.
IL33197 INTEGRAL-IL33197 Datasheet
160Kb / 5P
   AUTOMOTIVE WASH WIPER TIMER
logo
Motorola, Inc
MC33197 MOTOROLA-MC33197 Datasheet
113Kb / 8P
   AUTOMOTIVE WASH WIPER TIMER
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com