Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL8190N Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL8190N
Description  Precision Air-Core Tach/Speedo Driver with Return to Zero
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL8190N Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL8190N Datasheet HTML 1Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 2Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 3Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 4Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 5Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 6Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 7Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 8Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IL8190N
Electrical Characteristics (-40°C ≤ TA ≤ 85°C, 8.5 V ≤ VCC ≤ 16 V, unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Supply Voltage Section
ICC
Supply Current
VCC = 16 V, No Load
66
125
mA
VCC
Normal Operation Range
8.5
13.1
16
V
Input Comparator Section
VТН
Positive Input Threshold
1.0
2.1
3.0
V
VH
Input Hysteresis
200
470
mV
IIB1
Input Bias Current (Note
1)
0 V ≤ VIN ≤ 8.0 V
-4
-80
µA
FIN
Input Frequency Range
0
-
20
kHz
VIN
Input Voltage Range
in series with1.0 k
-1.0
-
VCC
V
VSAT
Output VSAT
IO = 10 mA
0.10
0.40
V
ISING
Output Leakage
VO = 7.0 V
0.02
10
µA
VCC-TH
Low VCC Disable
Threshold
7.0
8.0
8.5
V
VL
Logic 0 Input Voltage
1.0
1.6
V
Voltage Regulator Section
VREF
Output Voltage
6.25
7.00
7.50
V
IO
Output Load Current
-
-
10
mA
∆VREF-LOAD Output Load Regulation
0 to 10 mA
4
50
mV
∆VREF-LINE Output Line Regulation
8.5 V ≤ VCC ≤ 16 V
30
150
mV
PRS
Power Supply Rejection
VCC = 13.1 V, 1.0 VP/P 1.0
kHz
34
46
dB
Charge Pump Section
UINV
Inverting Input Voltage
1.5
2.1
2.5
V
IIB2
Input Bias Current
35
150
nA
VBIAS
VBIAS Input Voltage
1.5
2.1
2.5
V
UNINV
Non Invert. Input Voltage
IIN = 1.0 mA
0.6
1.1
V
LK
Linearity (Note 2)
@ 0; 87.5; 175; 262.5;
+ 350 Hz
–0.10
0.27
+0.70
%
K
VOUT/F Gain
@ 350 Hz, CCP = 0.0033 µF,
RT = 243 kΩ
7.0
11
13
mV/H
z
GN+
Norton Gain, Positive
IIN = 15 µA
0.9
1.0
1.1
GN-
Norton Gain, Negative
IIN = 15 µA
0.9
1.0
1.1
Function Generator Section: –40°C ≤ TA ≤ 85°C, VCC = 13.1 V unless otherwise noted
VCC-TH1
Return to Zero Threshold TA = 25°C
5.2
6.0
7.0
V
V(COS+-COS-)
Differential Drive Voltage
(VCOS+ – VCOS–)
8.5 V ≤ VCC ≤ 16 V, Θ= 0°
5.5
6.5
7.5
V
V (SIN+-SIN-)
Differential Drive Voltage
(VSIN+ – VSIN–)
8.5 V ≤ VCC ≤ 16 V, Θ = 90°
5.5
6.5
7.5
V
V (COS+-COS-)
Differential Drive Voltage
(VCOS+ – VCOS–)
8.5 V ≤ VCC ≤ 16 V, Θ = 180°
–7.5
-6.5
–5.5
V
V (SIN+-SIN-)
Differential Drive Voltage
(VSIN+ – VSIN–)
8.5 V ≤ VCC ≤ 16 V, Θ = 270°
–7.5
-6.5
–5.5
V
IOUT
Differential Drive Current
8.5 V ≤ VCC ≤ 16 V
33
42
mA
Θ
Zero Hertz Output Angle
-1.5
0
1.5
deg
Function Generator Error
(Note 3) Reference
Figures 1, 2, 3, 4
VCC = 13.1 V
Θ = 0° to 305°
-2.0
0
+2.0
deg
3


Similar Part No. - IL8190N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL8190 IKSEMICON-IL8190 Datasheet
493Kb / 13P
   Direct Sensor Input
More results

Similar Description - IL8190N

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com