Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL33290 Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IL33290
Description  ISO K Line Serial Link Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL33290 Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IL33290 Datasheet HTML 1Page - IK Semicon Co., Ltd IL33290 Datasheet HTML 2Page - IK Semicon Co., Ltd IL33290 Datasheet HTML 3Page - IK Semicon Co., Ltd IL33290 Datasheet HTML 4Page - IK Semicon Co., Ltd IL33290 Datasheet HTML 5Page - IK Semicon Co., Ltd IL33290 Datasheet HTML 6Page - IK Semicon Co., Ltd IL33290 Datasheet HTML 7Page - IK Semicon Co., Ltd IL33290 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IL33290
Dynamic Electrical Characteristics
Rev. 00
Characteristics noted under conditions of 4.75 V ≤ VDD ≤ 5.25 V, 8.0 V ≤ VBB ≤ 18 V, -40°C ≤ TC ≤ 125°C,
unless otherwise noted.
Notes
19. Time required ISO voltage to transition from 0.8 VBB to 0.2 VBB.
20. Changes in the value of CISO affect the rise and fall time but have minimal effect on Propagation Delay.
21. Step TX voltage from 0.2 VDD to 0.8 VDD. Time measured from VIH(ISO) until VISO reaches 0.3 VBB.
22. Step TX voltage from 0.8 VDD to 0.2 VDD. Time measured from VIL(ISO) until VISO reaches 0.7 VBB.


Similar Part No. - IL33290

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
More results

Similar Description - IL33290

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
   ISO K Line Serial Link Interface
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
MC33290 FREESCALE-MC33290 Datasheet
226Kb / 12P
   ISO K Line Serial Link Interface
logo
NXP Semiconductors
MC33660 NXP-MC33660 Datasheet
418Kb / 13P
   ISO K line serial link interface
Rev 6.0, 7/2016
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com