Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4145AN Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL4145AN
Description  Low Power Ground Fault Interrupter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL4145AN Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL4145AN Datasheet HTML 1Page - IK Semicon Co., Ltd IL4145AN Datasheet HTML 2Page - IK Semicon Co., Ltd IL4145AN Datasheet HTML 3Page - IK Semicon Co., Ltd IL4145AN Datasheet HTML 4Page - IK Semicon Co., Ltd IL4145AN Datasheet HTML 5Page - IK Semicon Co., Ltd IL4145AN Datasheet HTML 6Page - IK Semicon Co., Ltd IL4145AN Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL4145A
Principles of Operation
The 26V shunt regulator voltage generated by the string
of zener diodes is divided into three reference voltages:
3/4 VS , 1/2 VS , and 1/4 VS . VREF is at 1/2VS and is
used as a reference to create an artifical ground of +13V
at the op amp noninverting input.
Figure 1 shows a three-wire 120V AC outlet GFI
application using an IL4145AN. Fault signals from the
sense transformer are AC coupled into the input and are
amplified according to the following equation:
V7 = RSENSE x ISENSE/N
Where V7 is the RMS voltage at pin 7 relative to pin 3,
RSENSE is the value of the feedback resistor connected
from pin 7 to pin 1, ISENSE is the fault current in amps
RMS and N is the turns ratio of the transformer. When
V7 exceeds plus or minus 7.2V relative to pin 3 the SCR
Trigger output will go high and fire the external SCR.
The formula for V7 is approximate because it does not
include the sense transformer characteristics.
Grounded neutral fault detection is accomplished when a
short or fault closes a magnetic path between the sense
transformer and the grounded neutral transformer. The
resultant AC coupling closes a positive feedback path
around the op amp, and therefore the op amp oscillates.
When the peaks of the oscillation voltage exceed the
SCR trigger comparator thresholds, the SCR output will
go high.
Shunt Regulator
RLINE limits the current into the shunt regulator; 220V
applications will require substituting a 47k
Ω 2W
resistor. In addition to supplying power to the IC, the
s
h
u
n
t
regulator creates internal reference voltages (see above).
Operational Amplifier
RSENSE is a feedback resistor that sets gain and
therefore sensitivity to normal faults. To adjust
RSENSE, follow this procedure: apply the desired fault
current (a difference in current of 5mA is the UL 943
standard).
Adjust RSENSE upward until the SCR activates. A fixed
resistor can be used for RSENSE, since the resultant
±15% variation in sensitivity will meet UL’s 943 4-6mA
specification window.
The roll-off frequency is greater than the grounded
neutral fault oscillation frequency, in order to preserve
loop gain for oscillation (which is determined by the
inductance of the 200:1 transformer and C4).
The senstivity to grounded neutral faults is adjusted by
changing the frequency of oscillation. Increasing the
frequency reduces the sensitivity by reducing the loop
gain of the positive feedback circuit. As frequency
increases, the signal becomes attenuated and the loop
gain decreases. With the values shown the circuit will
detect a grounded neutral fault having resistance of 2
or less.
The input to the op amp are protected from overvoltage
by back-toback diodes.
SCR Driver
The SCR used must have a high dV/dt rating to ensure
that line noise (generated by noisy appliances such as a
drill motor) does not falsely trigger the SCR. Also, the
SCR must have a gate drive requirement of less than
200µA. CF is a noise filter capacitor that prevents narrow
pulses from firing the SCR.
The relay solenoid used should have a 3ms or less
response time in order to meet the UL 943 timing
requirement.
Sense Transformers and Cores
The sense and grounded neutral transformer cores are
usually fabricated using high permeability laminated
steel rings. Their single turn primary is created by
passing the line and neutral wires through the center of
its core. The secondary is usually from 200 to 1500
turns.
Two-Wire Application Circuit
Figure 2 shows the diagram of a 2-wire 120V AC outlet
GFI circuit using an IL4145AN. This circuit is not
designed to detect grounded neutral faults. Thus, the
grounded neutral transformer and capacitors C3 and C4
of Figure 1 are not used.


Similar Part No. - IL4145AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4145AN INTEGRAL-IL4145AN Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results

Similar Description - IL4145AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com