Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432CLS Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # TL432CLS
Description  Low Voltage Adjustable Precision Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL432CLS Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  TL432CLS Datasheet HTML 1Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 2Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 3Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 4Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 5Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 6Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 7Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 8Page - IK Semicon Co., Ltd TL432CLS Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TL432
Rev. 01
Electrical Characteristics Ta= 25°C (unless otherwise noted)
TL432
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VRFF
Reference voltage
VKA=VREF, lK=10mA (Fig. 1)
TA =25°C
TL432
(2%)
TL432-A (1%)
TL432-C (0.5%)
1.216
1.228
1.234
1.240
1.240
1.240
1.264
1.252
1.246
V
VDEV
VREF Temp Deviation
TA=full range (see Note1)
VKA=VREF, lK=10mA (Fig. 1)
10
25
mV
∆VREF/∆VKA
Ratio of Change in VREF to
Change in Cathode
Voltage
!K=10mA, VKA=15V to VREF
(Fig. 2)
-1
-2.7
mV / V
IREF
Reference Input Current
IK=10mA, R1 =10kΩ R2=∞
(Fig.2)
0.5
1.0
µA
IREF(DEV)
IREF Temp Deviation
TK=full range (see Note 1),
R1 =10kΩ, R2=∞, IK=10mA
(Fig. 2)
0.05
0.3
µA
Ik(off)
Off-state cathode current
VREF=0 V,(Fig.3)
Vk=15V
0.04
0.5
µA
Zka
Dynamic Output
Impedance
Vka=Vref, Ik=1mA to 100mA
F ≤1kHz (Fig. 1)
0.2
0.4
IK(MIN)
Minimum Operating
Current
VKA=VREF(Fig. 1)
60
80
µA
Notes: 1. Full temperature range is -40°C to 105°C for TL432


Similar Part No. - TL432CLS

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL432CLS IKSEMICON-TL432CLS Datasheet
426Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - TL432CLS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com