Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL7812 Datasheet(PDF) 11 Page - IK Semicon Co., Ltd

Part # IL7812
Description  POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL7812 Datasheet(HTML) 11 Page - IK Semicon Co., Ltd

Back Button IL7812 Datasheet HTML 7Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 8Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 9Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 10Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 11Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 12Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 13Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 14Page - IK Semicon Co., Ltd IL7812 Datasheet HTML 15Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IL78XX
IL7824 ELECTRICAL CHARACTERISTICS
(Refer to test circuit, Tmin<Tj<Tmax, Io=500mA, VI=33V, Ci=0.33 ㎌, Co=0.1 ㎌, unless otherwise sprcified)
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Tj = 25
° C
23
24
25
Output Voltage
Vo
5.0mA ≤Io ≤1.0A, PD ≤15W
VI = 27V to 38V
VI = 28V to 38V
22.8
24
25.25
V
VI = 27V to 38V
17
480
Line Regulation
∆Vo
Tj =
25
° C
VI = 30V to 36V
6
240
Io = 5.0mA to 1.5A
15
480
Load Regulation
∆Vo
Tj =
25
° C
Io = 250mA to 750mA
5
240
mV
Quiescent current
Iq
Tj = 25
° C
5.2
8
mA
Io = 5mA to 1A
0.1
0.5
VI = 27V to 38V
0.5
1.0
Quiescent current
Change
∆Iq
VI = 28V to 38V
mA
Output voltage Drift
Vo/T
Io = 5mA
-1.5
mV/
° C
Output noise voltage
Vn
f = 10Hz to 100KHz, Ta = 25
° C
60
Ripple Rejection
RR
f = 120Hz, VI = 28V to 38V
50
67
dB
Dropout voltage
Vd
Io = 1A, Tj = 25
° C
2
V
Peak current
Ipk
Tj = 25
° C
2.2
A
Output Resistance
Ro
f = 1KHz
28
Short circuit current
Isc
Vi = 35V, Ta = 25
° C
230
mA
* Load and lone regulation are specified at constant junction temperature. Changes in Vo due to heating effects
must be taken into account separately. Pulse testing with low duty is used.
Rev. 02


Similar Part No. - IL7812

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL7812 INTEGRAL-IL7812 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - IL7812

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78LXX IKSEMICON-IL78LXX Datasheet
292Kb / 14P
   POSITIVE VOLTAGE REGULATOR 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com