Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSP-500-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PSP-500-5
Description  500W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSP-500-5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PSP-500-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSP-500-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:PSP-500-SPEC2008-12-30
CaseNo.919A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
90
115
135
180
230
264
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
20
40
60
80
100
12~48V
5V
(HORIZONTAL)
BlockDiagram
fosc:134KHz
FAN
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
P.F.C.
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
+RC
I/P
FG
CONTROL
O.V.P.
INRUSH
CURRENT
ACTIVE
LIMITING
CURRENT
O.C.P.
-RC
O.T.P.
PF
SHARING
+S
P
PF
-V
-S
ACInput TerminalPin
No. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
DCOutput TerminalPin
No. Assignment
PinNo.
1~3
4~6
Assignment
DCOUTPUT +V
DCOUTPUT -V
ControlPinNo. Assignment:MOLEX5559-NP uses5558malecrimpterminal
PinNo.
PinNo.
5
1
6
2
7
8
3
4
Assignment
Assignment
NC
P(Currentshare)
PF(Powerfailsignal)
-S
+S
RC+
G
RC-
Matingconnector
MOLEX5557-NR
Terminal
MOLEX5556
Femalecrimp
Terminal
receptacle
4-M3
127
BOTTOMVIEW
4-M3
113
7
15
220
O/P
Airflow
direction
I/P
18max.
240
5
251
278
TOP VIEW
3
2
1
4-M3
4
6
5
2
3
1
CONTROL
2
6
8 4
7 3
5 1
LED
ADJ.
4-M3
16
19max.
220
500WwithPFCandParallelFunction
P S P - 5 0 0 series


Similar Part No. - PSP-500-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-500-5 TOTAL-POWER-PSP-500-5 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-500-5 ASTRODYNE-PSP-500-5 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500-5 RSG-PSP-500-5 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
More results

Similar Description - PSP-500-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
SP-500_1111 MEANWELL-SP-500_1111 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-500 RSG-SP-500 Datasheet
144Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com