Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL78R12 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL78R12
Description  1A LOW DROPOUT POSITIVE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL78R12 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL78R12 Datasheet HTML 1Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 2Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 3Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 4Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 5Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 6Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 7Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 8Page - IK Semicon Co., Ltd IL78R12 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IL78RXX
Rev. 01
Electrical Characteristics
(Vin = Note 2, Io = 0.5A, Ta = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
IL78R33
-
3.22
3.3
3.38
IL78R05
-
4.88
5
5.12
IL78R08
-
7.8
8
8.2
IL78R09
-
8.78
9
9.22
IL78R12
-
11.7
12
12.3
Output voltage
IL78R15
Vo
-
14.6
15
15.4
V
Load regulation
Rload
5mA<Io<1A
-
0.1
2.0
%
Line regulation
Rline
Note 3
-
0.5
2.5
%
Ripple rejection ratio
RR
Note 1
45
55
-
dB
Dropout voltage
Vdrop
Io = 1A
-
-
0.5
V
Disable voltage high
VdisH
Output active
2.0
-
-
V
Disable voltage low
VdisL
Output disabled
-
-
0.8
V
Disable bias current high
IdisH
Vdis = 2.7V
-
-
20
µA
Disable bias current low
IdisL
Vdis = 0.4V
-
-
-0.4
mA
Quiescent current
Iq
Io = 0A
-
-
10
mA
NOTE:
1.These parameters, although guaranteed, are not 100% tested in production.
2. IL78R33:Vin=5V
IL78R05:Vin=7V
IL78R08:Vin=10V
IL78R09:Vin=11V
IL78R12:Vin=15V
IL78R15:Vin=20V
3. IL78R33:Vin=4V to 10V
IL78R05:Vin=6V to 12V
IL78R08:Vin=9V to 25V
IL78R09:Vin=10V to 25V
IL78R12:Vin=13V to 29V
IL78R15:Vin=16V to 30V


Similar Part No. - IL78R12

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL78 INTEGRAL-IL78 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
IL7805 INTEGRAL-IL7805 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL7805 IKSEMICON-IL7805 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
Integral Corp.
IL7806 INTEGRAL-IL7806 Datasheet
135Kb / 5P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL7806 IKSEMICON-IL7806 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
More results

Similar Description - IL78R12

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com