Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT-45 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PT-45
Description  45W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PT-45 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PT-45 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PT-45 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:PT-45-SPEC 2007-03-14
Unit:mm
fosc:65KHz
DCOutputConnector(CN2):Molex5273-06orequivalent
PinNo.
1
2,3
4,5
6
Assignment
+V
+5V
COM
-V
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
BlockDiagram
MechanicalSpecification
StaticCharacteristics(B)
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
6
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
45W TripleOutputSwitchingPowerSupply
P T- 4 5 series
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
+V
-V
FG
I/P
FILTER
EMI
DeratingCurve
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
CN2
4
3
2
1
M1
M2
ACFUSE
F4A/250V
12V
+5V
+12V
-12V
+5V


Similar Part No. - PT-45

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PT-45 RSG-PT-45 Datasheet
199Kb / 2P
   45W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-45 MEANWELL-PT-45 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PT-4503 ASTRODYNE-PT-4503 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-4503 MEANWELL-PT-4503 Datasheet
162Kb / 2P
   45W Triple Output with 3.3V output
PT-4503 MEANWELL-PT-4503 Datasheet
165Kb / 2P
   45W Triple Output with 3.3V output
More results

Similar Description - PT-45

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
PT-45 MEANWELL-PT-45_11 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PT-45 RSG-PT-45 Datasheet
199Kb / 2P
   45W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
   45W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-45 RSG-PD-45 Datasheet
197Kb / 2P
   45W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com