Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2576-3.3D2 Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IL2576-3.3D2
Description  3.0 A, 15 V, Step-Down Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2576-3.3D2 Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

Back Button IL2576-3.3D2 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 9Page - IK Semicon Co., Ltd IL2576-3.3D2 Datasheet HTML 10Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IL2576-xx
Application Information
INVERTING REGULATOR
Figure 5
shows a IL2576-12 in a buck-boost configuration to generate a negative 12V output from a positive input
voltage. This circuit bootstraps the regulator’s ground pin to the negative output voltage, then by grounding the feedback pin, the
regulator senses the inverted output voltage and regulates it to −12V.
For an input voltage of 12V or more, the maximum available output current in this configuration is approximately 700 mA.
At lighter loads, the minimum input voltage required drops to approximately 4.7V.
The switch currents in this buck-boost configuration are higher than in the standard buck-mode design, thus lowering the
available output current. Also, the start-up input current of the buck-boost converter is higher than the standard buck-mode
regulator, and this may overload an input power source with a current limit less than 5A. Using a delayed turn-on or an
undervoltage lockout circuit (described in the next section) would allow the input voltage to rise to a high enough level before the
switcher would be allowed to turn on.
Because of the structural differences between the buck and the buck-boost regulator topologies, the buck regulator
design procedure section can not be used to to select the inductor or the output capacitor. The recommended range of inductor
values for the buck-boost design is between 68 µH and 220 µH, and the output capacitor values must be larger than what is
normally required for buck designs. Low input voltages or high output currents require a large value output capacitor (in the
thousands of micro Farads).
The peak inductor current, which is the same as the peak switch current, can be calculated from the following formula:
Where fosc = 52 kHz. Under normal continuous inductor current operating conditions, the minimum VIN represents the
worst case. Select an inductor that is rated for the peak current anticipated.
FIGURE 5. Inverting Buck-Boost Develops −12V
Also, the maximum voltage appearing across the regulator is the absolute sum of the input and output voltage. For a
−12V output, the maximum input voltage for the IL2576 is +28V.
NEGATIVE BOOST REGULATOR
Another variation on the buck-boost topology is the negative boost configuration. The circuit in Figure 6 accepts an input
voltage ranging from −5V to −12V and provides a regulated −12V output. Input voltages greater than −12V will cause the output
to rise above −12V, but will not damage the regulator.
Typical Load Current
400 mA for VIN = −5.2V
750 mA for VIN = −7V
Note: Heat sink may be required.
FIGURE 6. Negative Boost
Rev. 02


Similar Part No. - IL2576-3.3D2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2575-12 IKSEMICON-IL2575-12 Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-12D2 IKSEMICON-IL2575-12D2 Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-12Q IKSEMICON-IL2575-12Q Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-12S IKSEMICON-IL2575-12S Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
IL2575-15 IKSEMICON-IL2575-15 Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
More results

Similar Description - IL2576-3.3D2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com