Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2596-12 Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IL2596-12
Description  Switching Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2596-12 Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IL2596-12 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 9Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 10Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 11Page - IK Semicon Co., Ltd IL2596-12 Datasheet HTML 12Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IL2596-xx
This example uses the IL2596-5.0 to generate a −5V output, but other output voltages are possible by selecting other
output voltage versions, including the adjustable version. Since this regulator topology can produce an output voltage that is
either greater than or less than the input voltage, the maximum output current greatly depends on both the input and output
voltage. The curve shown in Figure 8 provides a guide as to the amount of output load current possible for the different input
and output voltage conditions.
The maximum voltage appearing across the regulator is the absolute sum of the input and output voltage, and this must
be limited to a maximum of 40V. For example, when converting +20V to −12V, the regulator would see 32V between the input
pin and ground pin. The IL2596 has a maximum input voltage spec of 40V.
Additional diodes are required in this regulator configuration. Diode D1 is used to isolate input voltage ripple or noise
from coupling through the CIN capacitor to the output, under light or no load conditions. Also, this diode isolation changes the
topology to closley resemble a buck configuration thus providing good closed loop stability. A Schottky diode is recommended
for low input voltages, (because of its lower voltage drop) but for higher input voltages, a fast recovery diode could be used.
Without diode D3, when the input voltage is first applied, the charging current of CIN can pull the output positive by
several volts for a short period of time. Adding D3 prevents the output from going positive by more than a diode voltage.
This circuit has hysteresis
Regulator starts switching at VIN = 13V
Regulator stops switching at VIN = 8V
Figure 6. Undervoltage Lockout with Hysteresis for Inverting Regulator
CIN —68 µF/25V Tant. Sprague 595D
470 µF/50V Elec. Panasonic HFQ
COUT —47 µF/20V Tant. Sprague 595D
220 µF/25V Elec. Panasonic HFQ
Figure 7. Inverting −5V Regulator with Delayed Startup
Figure 8. Inverting Regulator Typical Load Current
8
Rev. 03


Similar Part No. - IL2596-12

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2595-12 IKSEMICON-IL2595-12 Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12D2 IKSEMICON-IL2595-12D2 Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12Q IKSEMICON-IL2595-12Q Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-12S IKSEMICON-IL2595-12S Datasheet
651Kb / 12P
   Switching Voltage Regulators
IL2595-3 IKSEMICON-IL2595-3 Datasheet
651Kb / 12P
   Switching Voltage Regulators
More results

Similar Description - IL2596-12

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com