Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX3232 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # ILX3232
Description  Interface Transceiver of RS-232 Standard with One Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILX3232 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  ILX3232 Datasheet HTML 1Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 2Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 3Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 4Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 5Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 6Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 7Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 8Page - IK Semicon Co., Ltd ILX3232 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ILX3232
January 2009, Ver. 04
TIMING CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Data Transfer Rate
RL = 3KΩ
CL2= 1000pF
one trasmitter switching
120
240
Kbps
tPHLR
tPLHR
Propagation Delay Input
to Output
RXIN = RXOUT
CL = 150pF
4.0
9.7
µs
tPHLT
tPLHT
Propagation Delay Input
to Output
RL = 3KΩ
CL = 2500pF
2.0
5.0
µs
|tPHLR
- tPLHR|
Receiver Propagation
Delay Difference
300
ns
|tPHLT
- tPLHT|
Transmitter Propagation
Delay Difference
300
ns
SRT
Transition Slew Rate
TA = 25°C
RL = 3KΩ to 7KΩ VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
3
30
V/µs
Transmitter Skew is measured at the transmitter zero cross points
APPLICATION CIRCUITS
CAPACITANCE VALUE (
µF)
VCC
C1
C2
C3
C4
Cbypass
3.0 to 5.5
0.1
0.1
0.1
0.1
0.1


Similar Part No. - ILX3232

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX3221 IKSEMICON-ILX3221 Datasheet
303Kb / 9P
   Auto Shutdown function provide low power consumption
More results

Similar Description - ILX3232

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Shenzhen Huazhimei Semi...
HM3232 HMSEMI-HM3232 Datasheet
555Kb / 11P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
HTC Korea TAEJIN Techno...
TJ232 HTC-TJ232 Datasheet
537Kb / 10P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com