Selected language     English  ā–¼


Q-250C Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. Q-250C
Description  250W Quad Output Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 3 page
background image
FileName:Q-250-SPEC2007-10-25
MechanicalSpecification
DeratingCurve
StaticCharacteristics(D,F)
CaseNo.907CUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
85
160
90
95
170
100
175
105
185
110
195
115
205
120
215
125
230
245
130
132
260
264
100
90
80
70
60
50
Ta=25
-10
0
10
20
30
40
50
60
(HORIZONTAL)
20
40
60
80
100
250WQuadOutputPowerSupply
Q - 2 5 0 series
fosc:75KHz
BlockDiagram
Air fl
ow
dire
ctio
n
4-2
.6
3-2
.6
29.5
27
.5
84
15
14
0
150
138
6
124
84
20
110
96
7
14
4
8
9.5
1
2
3
4
5
6
7
8
9
+V ADJ
LED
5-2
.6
2-2.6
84
33
15
0
84
125
28
TerminalPinNo. Assignment
PinNo.
PinNo.
1
5
6
2
3
7,8
9
4
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT COM
DCOUTPUT +V1
DCOUTPUT -V4
DCOUTPUT V3
DCOUTPUT +V2
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
FILTER
FILTER
&
&
&
&
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
+V1
+V2
V3
-V4
COM
I/P
FG
CONTROL
PWM
O.V.P.
230
115
12m
ax.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ-100100W Quad Output Switching Power Supply 1 2 3 4 5 Astrodyne Corporation
RQ-5050W Quad Output Switching Power Supply 1 2 Astrodyne Corporation
RQ-6565W Quad Output Switching Power Supply 1 2 Astrodyne Corporation
Q-6060W Quad Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RQ-8585W Quad Output Switching Power Supply 1 2 Astrodyne Corporation
Q-120120W Quad Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RQ-125125W Quad Output Switching Power Supply 1 2 Astrodyne Corporation
PSQ6060 Watt Quad Output AC/DC Power Supply 1 2 3 Wall Industries,Inc.
PSQP100100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.
IQ-6060W Isolated Quad Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl