Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN16C1054-TQ Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IN16C1054-TQ
Description  Quard Uart with 256-Byte FIFO
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN16C1054-TQ Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IN16C1054-TQ Datasheet HTML 4Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 5Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 6Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 7Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 8Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 9Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 10Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 11Page - IK Semicon Co., Ltd IN16C1054-TQ Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
IN16C1054
Rev. 00
6. Functional Description
The IN16C1054 UART is pin-to-pin compatible with the TL16C554 and ST16C654
UARTs.
IN16C1054 offers 16C450 and 16C650 modes. When FIFO is enabled, it has a register
configuration compatible with 64-byte FIFO and 16C654, so it becomes compatible with
16C654. If you enable 256-byte FIFO, you use the unique supreme function that
IN16C1054 offers. It offers communication speed up to 5.3Mbps and more enhanced
functions that other UARTs with 128-byte FIFO do not.
IN16C1054 can select hardware/software flow control. Hardware flow control significantly
reduces software overhead and increases system efficiency by automatically controlling
serial data flow using the RTS# output and CTS# input signals. Software flow control
automatically controls data flow by using programmable Xon/Xoff characters.
6.1 FIFO Operation
IN16C1054’s FIFO has two modes, 64-byte FIFO mode and 256-byte FIFO mode. Setting
FCR[0] to ‘1’ enables FIFO, and if AFR[0] is set to ‘0’, it operates in 64-byte FIFO
mode(default). In this mode, Transmit Data FIFO, Receive Data and Receive Status FIFO
are 64 bytes. 64-byte FIFO mode allows you to select the Transmit Interrupt Trigger Level
from 8, 16, 32, or 56. You can verify this Interrupt Trigger Level by TTR and RTR. In this
mode TTR and RTR are Read Only.
And by FCR[5:4], XOFF Trigger Level can be selected to either 8, 16, 56, or 60, and XON
Trigger Level to either 0, 8, 16, or 56 by FCR[7:6]. You can verify XON and XOFF Trigger
Level by FUR and FLR. In 64-byte FIFO mode TTR and RTR are Read Only.
If you select 256-byte FIFO mode, you can experience more powerful features of
IN16C1054. Setting both FCR[0] and AFR[0] to ‘1’ will enable this mode. In this mode,
Transmit Data FIFO, Receive Data and Receive Status FIFO are 256 bytes. Interrupt
Trigger Level and XON, XOFF Trigger Level are controlled by TTR, RTR, FUR and FLR,
not by FCR[7:4]. That is, TTR, RTR, FUR and FLR can both read and write. You can
verify free space of Transmit FIFO and the number of characters received in Receive
FIFO by TCR, RCR and ISR[7:6].
While TX FIFO is full, the value sent to THR by CPU disappears. And while RX FIFO is
full, the data coming from external devices disappear as well, provided that flow control
function is not used.
For more information, refer to Register Description.
6.2 Hardware Flow Control
Hardware flow control is executed by Auto-RTS and Auto-CTS. Auto-RTS and Auto-CTS
can be enabled/disabled independently by programming EFR[7:6]. If Auto-RTS is
enabled, it reports that it cannot receive more data by asserting RTS# when the amount
of received data in RX FIFO exceeds the written value in FUR. Then after the data stored
in RX FIFO is read by CPU, it reports that it can receive new data by deasseting RTS#
when the amount of existing data in RX FIFO is less than the written value in FLR.
When Auto-CTS is enabled and CTS# is cleared to ‘0’, transmitting data to TX FIFO has
to be suspended because external device has reported that it cannot accept more data.
When data transmission has been suspended and CTS# is set to ‘1’, data in TX FIFO is
retransmitted because external device has reported that it can accept more data. These
operations prevent overrun during communication and if hardware flow control is disabled
and transmit data rate exceeds RX FIFO service latency, overrun error occurs.


Similar Part No. - IN16C1054-TQ

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
   Industrial Temperature Range
More results

Similar Description - IN16C1054-TQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
Texas Instruments
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com