Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD-85B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RD-85B
Description  85W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RD-85B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RD-85B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RD-85B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
CaseNo.901CUnit:mm
TerminalPin.No Assignment
PinNo.
PinNo.
1
4,6
3
2
5
7
Assignment
Assignment
DCOUTPUT +V2
DCOUTPUT +V1
DCOUTPUT COM
FG
AC/N
AC/L
4.5
152.5
2-M
3
150
6.5
78
24
159
22
117
3-M
3
3.5
5
6
7
4
3
2
1
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
AMBIENTTEMPERATURE(
)
-25
-25
0
0
10
20
30
40
50
60
70
20
40
60
80
100
(VERTICAL)
FileName:RD-85-SPEC2006-05-19
85WDualOutputSwitchingPowerSupply
R D - 8 5 series


Similar Part No. - RD-85B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RD-85B ASTRODYNE-RD-85B Datasheet
466Kb / 2P
   85W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-85B MEANWELL-RD-85B Datasheet
395Kb / 2P
   85W Dual Output Switching Power Supply
RD-85B MEANWELL-RD-85B Datasheet
395Kb / 2P
   85W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-85B TOTAL-POWER-RD-85B Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
More results

Similar Description - RD-85B

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-85 MEANWELL-RID-85_11 Datasheet
395Kb / 2P
   85W Dual Output Switching Power Supply
RD-85 MEANWELL-RD-85_11 Datasheet
395Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 MEANWELL-RID-85 Datasheet
392Kb / 2P
   85W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RID85 ASTRODYNE-RID85 Datasheet
596Kb / 4P
   85W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-85 MEANWELL-RID-85_10 Datasheet
395Kb / 2P
   85W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-85 ASTRODYNE-RD-85 Datasheet
466Kb / 2P
   85W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-85 MEANWELL-RD-85_10 Datasheet
395Kb / 2P
   85W Dual Output Switching Power Supply
RT-85 MEANWELL-RT-85_10 Datasheet
713Kb / 2P
   85W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com