Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2575-3.3Q Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL2575-3.3Q
Description  1.0 A, 15 V, Step-Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2575-3.3Q Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL2575-3.3Q Datasheet HTML 1Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 2Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 3Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 4Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 5Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 6Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 7Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 8Page - IK Semicon Co., Ltd IL2575-3.3Q Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IL2575-xx
OPERATING RATINGS
(Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific
performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
–40 to +125
°C
Supply Voltage
Vin
40
V
SYSTEM PARAMETERS [Note 1]
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12 V version, and Vin = 30 V for
the 15 V version. ILoad = 500 mA, TJ = 25
°C, for min/max values TJ is the operating junction temperature range that applies [Note 2],
unless otherwise noted.)
Characteristics
Symbol
Min
Max
Unit
IL2575–3.3 ([Note 1] Test Circuit Figure 14)
Output Voltage (Vin=12V, ILoad=0.2A, Tj=25°C)
Vout
3.234
3.366
V
Output Voltage (4.75V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
3.168
3.135
3.432
3.465
V
Efficiency (Vin = 12V, ILoad = 1.0A)
η
65
-
%
IL2575–5 [Note 1]
Output Voltage (Vin=12V, ILoad=0.2A, Tj=25°C)
Vout
4.9
5.1
V
Output Voltage (8.0V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
4.8
4.75
5.2
5.25
V
Efficiency (Vin = 12 V, ILoad = 1.0 A)
η
67
-
%
IL2575–12 [Note 1]
Output Voltage (Vin=25V, ILoad=0.2A, Tj=25°C)
Vout
11.76
12.24
V
Output Voltage (15.0V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
11.52
11.4
12.48
12.6
V
Efficiency (Vin = 15V, ILoad = 1.0A)
η
78
-
%
IL2575–15 [Note 1]
Output Voltage (Vin=30V, ILoad=0.2A, Tj=25°C)
Vout
14.7
15.3
V
Output Voltage (18V
≤Vin ≤40V, 0.2A ≤ILoad ≤1.0A)
TJ = 25°C
TJ = –40 to +125°C
Vout
14.4
14.25
15.6
15.75
V
Efficiency (Vin = 12V, ILoad = 1.0A)
η
78
-
%
IL2575 ADJUSTABLE VERSION [Note 1]
Feedback Voltage (Vin=12V, ILoad =0.2A, Vout = 5.0V,
TJ=25°C)
Vout
1.217
1.243
V
Feedback Voltage (8.0V
≤Vin ≤ 40V, 0.2A ≤ILoad ≤1.0A,
Vout=5.0V)
TJ = 25°C
TJ = –40 to +125°C
Vout
1.193
1.18
1.267
1.28
V
Efficiency (Vin = 12V, ILoad = 1.0A, Vout = 5.0V)
η
67
-
%
1. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system
performance.
When the IL2575 is used as shown in the test circuit 14, system performance will be as shown in system parameters section .
2. Tested junction temperature range for the IL2575: Tlow = –40
°C Thigh = +125°C
Rev. 00


Similar Part No. - IL2575-3.3Q

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2576-12 IKSEMICON-IL2576-12 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12D2 IKSEMICON-IL2576-12D2 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12S IKSEMICON-IL2576-12S Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15 IKSEMICON-IL2576-15 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15D2 IKSEMICON-IL2576-15D2 Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
More results

Similar Description - IL2575-3.3Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com