Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2595-5 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL2595-5
Description  Switching Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2595-5 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL2595-5 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 5Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 6Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 7Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 8Page - IK Semicon Co., Ltd IL2595-5 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IL2595-xx
Electrical Characteristics (continue)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Thermal Resistance
θJC
TO-220 or TO-263 Package
Junction to Case
2
°C/W
θJA
TO-220 Package Junction to
Ambient (Note 4)
50
°C/W
θJA
TO-263 Package Junction to
Ambient (Note 5)
50
°C/W
θJA
TO-263 Package Junction to
Ambient (Note 6)
30
°C/W
θJA
TO-263 Package Junction to
Ambient (Note 7)
20
°C/W
Note 1
: No elements connected to output pin.
Note 2
: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 3
: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the A version, and 15V for the
12V version. To force the output transistor switch OFF.
Note 4
: Junction to ambient thermal resistance (no external heat sink) for the TO-220 package mounted vertically, with
the leads soldered to a printed circuit board with (1 oz.) copper area of approximately 1 in
2.
Note 5
: Junction to ambient thermal resistance with the TO-263 package tab soldered to a single printed circuit board
with 0.5 in
2 of (1 oz.) copper area.
Note 6
: Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed circuit
board with 2.5 in
2 of (1 oz.) copper area.
Note 7
: Junction to ambient thermal resistance with the TO-263 package tab soldered to a double sided printed circuit
board with 3 in
2 of (1 oz.) copper area on the IL2595S side of the board, and approximately 16 in2 of copper on
the other side of the p-c board.
Typical Performance Characteristics (circuit of Figure 1)
4
Rev. 00


Similar Part No. - IL2595-5

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2596-12 IKSEMICON-IL2596-12 Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-12D2 IKSEMICON-IL2596-12D2 Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-12Q IKSEMICON-IL2596-12Q Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-12S IKSEMICON-IL2596-12S Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-3 IKSEMICON-IL2596-3 Datasheet
587Kb / 12P
   Switching Voltage Regulators
More results

Similar Description - IL2595-5

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com