Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPSG-160-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RPSG-160-24
Description  160W Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPSG-160-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RPSG-160-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPSG-160-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:RPS-160-SPEC2008-09-23
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
Unit:mm
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-20
0
10
20
30
40
50
60
70
DeratingCurve
ACInputConnector(CN1):JST B3P-VHorequivalent
DCOutputConnector(CN2):JST B8P-VHorequivalent
PinNo.
PinNo.
1,2,3,4
1
2
3
5,6,7,8
Assignment
Assignment
AC/N
NoPin
AC/L
-V
+V
MatingHousing
MatingHousing
JST VHR
JST VHR
orequivalent
orequivalent
Terminal
Terminal
JST SVH-21T-P1.1
JST SVH-21T-P1.1
orequivalent
orequivalent
PowerGoodConnector(CN3):JST B4B-XHorequivalent
PinNo.
1
2
3
4
Status
PG
GND
-S
+S
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
5VSBConnector(CN901):JST B-XHorequivalent
PinNo.
1
2,4
3
Assignment
MatingHousing
JST XHP
JST SXH-001T
orequivalent
orequivalent
Terminal
GND
5VSB
5mA(max.)
GND
PS/ON
PS/ON
POWER
SWITCHING
20
40
60
80
100
WithFAN
WithoutFAN
20.5CFMmin.
HS1
HS3
HS2
FAN
1
CN901
2 3 4
HS1,HS2,HS3 can not be shorted
160WSingleOutputMedical Type
R P S - 1 6 0 series
BlockDiagram
+V
-V
PG
I/P
FG
CONTROL
O.V.P.
PG
fosc:100KHz(5V)
70KHz(12~48V)
PS/ON
CONTROL
PS/ON
PWMCONTROL
POWERSWITCHING
+5VSB
CIRCUIT
DETECTION
O.L.P.
RECTIFIERS
&
PFC
FILTER
FILTER
CIRCUIT
&
&
DETERCTION
RECTIFIERS
RECTIFIERS
+5VSB
EMI
FILTER
+S
-S
8
7
6
5
4
3
2
1
CN3
4
1
LED
CN2
CN1
FS1
FS2
1
2
3
CN901
3
2
5
117
127
SVR1
4-
3.5


Similar Part No. - RPSG-160-24

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RPS NICHICON-RPS Datasheet
667Kb / 2P
   Standard
logo
Ohmite Mfg. Co.
RPS OHMITE-RPS Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
logo
Leadshine Technology Co...
RPS LEADSHINE-RPS Datasheet
231Kb / 5P
   120/230VAC input, 24V/36V/48V/60V output
logo
Level One
RPS-04A2 LVL1-RPS-04A2 Datasheet
535Kb / 5P
   26-Port Stackable L3 Managed Gigabit Ethernet Switch, 4 x SFP/RJ45 Combo, 2 x Module Slots 10-Gigabit
logo
Mean Well Enterprises C...
RPS-120 MEANWELL-RPS-120 Datasheet
760Kb / 6P
   120W Reliable Green Medical Power Supply
More results

Similar Description - RPSG-160-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-160 MEANWELL-RPS-160_12 Datasheet
404Kb / 2P
   160W Single Output Medical Type
RPS-160 MEANWELL-RPS-160_11 Datasheet
389Kb / 2P
   160W Single Output Medical Type
RPD-160 MEANWELL-RPD-160 Datasheet
385Kb / 2P
   160W Dual Output Medical Type
RPT-160 MEANWELL-RPT-160 Datasheet
388Kb / 2P
   160W Triple Output Medical Type
RPT-160 MEANWELL-RPT-160_12 Datasheet
403Kb / 2P
   160W Triple Output Medical Type
GC160 MEANWELL-GC160_11 Datasheet
250Kb / 2P
   160W Single Output Battery Charger
GC160 MEANWELL-GC160 Datasheet
142Kb / 2P
   160W Single Output Battery Charger
logo
Total Power Internation...
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
HBG-160 MEANWELL-HBG-160 Datasheet
2Mb / 5P
   160W Single Output Switching Power Supply
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com