Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2595-A Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL2595-A
Description  Switching Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2595-A Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL2595-A Datasheet HTML 1Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 2Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 3Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 4Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 5Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 6Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 7Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 8Page - IK Semicon Co., Ltd IL2595-A Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IL2595-xx
Electrical Characteristics
Unless otherwise specified, TJ = 25
oC V
IN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 25V for
the 12V version.
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
IL2595–3
4.75V
≤ VIN ≤ 40V,
0.1A
≤ ILOAD ≤ 1A
3.168
3.3
3.432
IL2595–5
7V
≤ VIN ≤ 40V,
0.1A
≤ ILOAD ≤ 1A
4.8
5.0
5.2
V
IL2595–12
15V
≤ VIN ≤ 40V,
0.1A
≤ ILOAD ≤ 1A
11.52
12.0
12.48
Efficiency
IL2595–3
ILOAD = 1A
78
η
IL2595–5
ILOAD = 1A
82
%
IL2595–12
VIN = 25V, ILOAD = 1A
90
IL2595–A
VOUT = 3V, ILOAD = 1A
78
%
Feedback Voltage
VFB
IL2595–A
4.5V
≤ VIN ≤ 40V,
0.1A
≤ ILOAD ≤ 1A
VOUT programmed for
3V
1.193
1.230
1.267
V
Feedback Bias
Current
ID
IL2595-A; VFB = 1.3V
10
50
nA
Oscillator
Frequency
fO
127
150
173
kHz
Saturation Voltage
VSAT
IOUT = 1A
(Note 1,2)
1
1.2
V
Max Duty Cycle
(ON)
DC
(Note 2)
100
%
Max Duty Cycle
(OFF)
(Note 3)
0
Current Limit
ICL
Peak Current
(Note 1,2)
1.2
1.5
2.4
A
Output Leakage
Current
IL
Output = 0V
(Note 1,3)
50
µA
Output = -1V, VIN = 40V
2
15
mA
Quiescent Current
IQ
(Note 3)
5
10
mA
Standby Quiescent
Current
ISTBY
ON/OFF pin = 5V (OFF), VIN = 40V
85
200
µA
ON/OFF Pin Logic
Input
VIH
Low (Regulator ON)
1.3
0.6
V
Threshold Voltage
VIL
High (Regulator OFF)
2.0
ON/OFF Pin Input
IH
VLOGIC = 2.5V (regulator OFF)
5
15
µA
Current
IL
VLOGIC = 0.5V (regulator ON)
0.02
5
3
Rev. 00


Similar Part No. - IL2595-A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2596-12 IKSEMICON-IL2596-12 Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-12D2 IKSEMICON-IL2596-12D2 Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-12Q IKSEMICON-IL2596-12Q Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-12S IKSEMICON-IL2596-12S Datasheet
587Kb / 12P
   Switching Voltage Regulators
IL2596-3 IKSEMICON-IL2596-3 Datasheet
587Kb / 12P
   Switching Voltage Regulators
More results

Similar Description - IL2595-A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com