Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILE4278 Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # ILE4278
Description  5-V Low-Drop Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4278 Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button ILE4278 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 8Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 9Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 10Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 11Page - IK Semicon Co., Ltd ILE4278 Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Upper timing threshold
V
DU
1.5
1.9
2.3
V
Lower reset timing
threshold
V
DRL
0.2
0.3
0.4
V
Delay time
t
rd
12
20
28
ms
C
D =47 nF
Reset reaction time
t
rr
0.4
1.0
2.0
←s
C
D =47 nF
Watchdog
Activating threshold
V
WADJ,th
1.28 1.35
1.45
V
Voltage at WADJ
Current ratio
I
Q/IWADJ
650
720
800
I
Q
® 10 mA
Slew rate
d
V
WI/dt
5–
V/
←s From 20% up to 80% V
Q
Watchdog low voltage
V
WOL
–0.2
0.4
V
R
ext >10 k
τ to V
Q
Watchdog high voltage
V
WOH
4.5
V
Watchdog pull-up
R
WO
20
30
46
k
τ
Internally connected to
V
Q
Charge current
I
D,wc
25
8
←A
V
D =1.0 V
Discharge current
I
D,wd
0.6
1.3
2.0
←A
V
D =1.0 V
Upper timing threshold
VDU
1.5
1.9
2.3
V
Lower watchdog timing
threshold
V
DWL
0.5
0.7
0.9
V
Watchdog output pulse
period
T
WD,p
42
60
80
ms
C
d =47 nF
Watchdog output low
time
t
WD,l
713
19
ms
V
Q > VRT
Watchdog trigger time
T
WI,tr
35
47
61
ms
C
d =47 nF
1) Measured when the output voltage V
Q has dropped 100 mV from the nominal value.
Electrical Characteristics (cont’d)
V
I =13.5 V;– 40
C ® T
j
® 125 C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ.
max.
Rev. 00
ILE 4278
8


Similar Part No. - ILE4278

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILE4278 IKSEMICON-ILE4278 Datasheet
1Mb / 18P
   5-V Low-Drop Fixed Voltage Regulator
ILE4278D IKSEMICON-ILE4278D Datasheet
1Mb / 18P
   5-V Low-Drop Fixed Voltage Regulator
ILE4278 IKSEMICON-ILE4278_13 Datasheet
1Mb / 18P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - ILE4278

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com