Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-100-3.3 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RS-100-3.3
Description  100W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RS-100-3.3 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RS-100-3.3 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RS-100-3.3 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.901CUnit:mm
StaticCharacteristics
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
4.5
152.5
150
6.5
3.5
78
24
159
22
117
5
6
7
4
3
2
2-M
3
1
AMBIENTTEMPERATURE(
)
-25
-25
0
0
20
10
30
40
20
40
80
60
100
60
50
70
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
Others
3.3V,5V
(VERTICAL)
3-M
3
OutputDerating
100WSingleOutputSwitchingPowerSupply
R S - 1 0 0 series
FileName:RS-100-SPEC2005-09-13


Similar Part No. - RS-100-3.3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-100-3.3 ASTRODYNE-RS-100-3.3 Datasheet
465Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100-3.3 RSG-RS-100-3.3 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-100-3.3 MEANWELL-RS-100-3.3 Datasheet
394Kb / 2P
   100W Single Output Switching Power Supply
RS-100-3.3 MEANWELL-RS-100-3.3 Datasheet
395Kb / 2P
   100W Single Output Switching Power Supply
More results

Similar Description - RS-100-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com