Electronic Components Datasheet Search |
|
XC6501D13AHL Datasheet(PDF) 2 Page - Torex Semiconductor |
|
XC6501D13AHL Datasheet(HTML) 2 Page - Torex Semiconductor |
2 / 21 page 2/21 XC6501 Series ■PIN CONFIGURATION ■PIN ASSIGNMENT ■PRODUCT CLASSIFICATION ●Ordering Information XC6501①②③④⑤⑥ DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION A : CE High Active, Without CE Pull-down, Without CL discharge B : CE High Active, Without CE Pull-down, With CL discharge C : CE High Active, With CE Pull-down, Without CL discharge D : CE High Active, With CE Pull-down, With CL discharge ① Regulator Type P : 3 pin, without CE pin (USP-3) ②③ Output Voltage 12~50 : ex.)28V → ②=2, ③=8 1 : 0.1V increments Accuracy 1.2V~1.9V (±0.02V), 2.0~5.0V (±1%) ex.)1.80V → ②=1, ③=8, ④=1 ④ Output Voltage Accuracy A : 0.05V increments Accuracy 1.25V~1.95V (±0.02V), 2.05~4.95V (±1%) ex.)1.85V → ②=1, ③=8, ④=A H : USP-3 (Only XC6501P) G : USP-4 N : SSOT-24 ⑤ Packages M : SOT-25 R : Embossed tape, standard feed ⑥ Device Orientation L : Embossed tape, reverse feed PIN NUMBER USP-3 USP-4 SSOT-24 SOT-25 PIN NAME FUNCTION 1 4 4 1 V IN Power Supply 2 1 3 5 V OUT Output 3 2 2 2 V SS Ground - 3 1 3 CE ON/OFFControl - - - 4 NC No Connection *The heat dissipation pad of the USP-4 package is recommended to solder as the recommended mount pattern and metal mask pattern for mounting strength. The mount pattern should be electrically opened or connected to the VSS (No.2) pin. |
Similar Part No. - XC6501D13AHL |
|
Similar Description - XC6501D13AHL |