Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C70A70F324I7N Datasheet(PDF) 6 Page - Altera Corporation

Part # EP2C70A70F324I7N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C70A70F324I7N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP2C70A70F324I7N Datasheet HTML 2Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 3Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 4Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 5Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 6Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 7Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 8Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 9Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 168 page
background image
1–4
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Features
protocols. Visit the Altera IPMegaStore at www.altera.com to
download IP MegaCore functions.
Nios II Embedded Processor support
The Cyclone II family offers devices with the Fast-On feature, which
offers a faster power-on-reset (POR) time. Devices that support the
Fast-On feature are designated with an “A” in the device ordering code.
For example, EP2C5A, EP2C8A, EP2C15A, and EP2C20A. The EP2C5A is
only available in the automotive speed grade. The EP2C8A and EP2C20A
are only available in the industrial speed grade. The EP2C15A is only
available with the Fast-On feature and is available in both commercial
and industrial grades. The Cyclone II “A” devices are identical in feature
set and functionality to the non-A devices except for support of the faster
POR time.
f
Cyclone II A devices are offered in automotive speed grade. For more
information, refer to the Cyclone II section in the Automotive-Grade Device
Handbook.
f
For more information on POR time specifications for Cyclone II A and
non-A devices, refer to the Hot Socketing & Power-On Reset chapter in the
Cyclone II Device Handbook.
Table 1–1 lists the Cyclone II device family features. Table 1–2 lists the
Cyclone II device package offerings and maximum user I/O pins.
Table 1–1. Cyclone II FPGA Family Features (Part 1 of 2)
Feature
EP2C5 (2)
EP2C8 (2)
EP2C15 (1)
EP2C20 (2)
EP2C35
EP2C50
EP2C70
LEs
4,608
8,256
14,448
18,752
33,216
50,528
68,416
M4K RAM blocks (4
Kbits plus
512 parity bits
26
36
52
52
105
129
250
Total RAM bits
119,808
165,888
239,616
239,616
483,840
594,432
1,152,00
0
Embedded
multipliers (3)
13
18
26
26
35
86
150
PLLs
2
2
4
4
4
4
4


Similar Part No. - EP2C70A70F324I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C70 ALTERA-EP2C70 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C70 ALTERA-EP2C70 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C70 ALTERA-EP2C70 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C70 ALTERA-EP2C70 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C70 ALTERA-EP2C70 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C70A70F324I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com