Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C70A70F324I7N Datasheet(PDF) 7 Page - Altera Corporation

Part # EP2C70A70F324I7N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C70A70F324I7N Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP2C70A70F324I7N Datasheet HTML 3Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 4Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 5Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 6Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 7Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 8Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 9Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 10Page - Altera Corporation EP2C70A70F324I7N Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 168 page
background image
Altera Corporation
1–5
February 2008
Cyclone II Device Handbook, Volume 1
Introduction
Maximum user
I/O pins
158
182
315
315
475
450
622
Notes to Table 1–1:
(1)
The EP2C15A is only available with the Fast On feature, which offers a faster POR time. This device is available in
both commercial and industrial grade.
(2)
The EP2C5, EP2C8, and EP2C20 optionally support the Fast On feature, which is designated with an “A” in the
device ordering code. The EP2C5A is only available in the automotive speed grade. The EP2C8A and EP2C20A
devices are only available in industrial grade.
(3)
This is the total number of 18
× 18 multipliers. For the total number of 9 × 9 multipliers per device, multiply the
total number of 18
× 18 multipliers by 2.
Table 1–1. Cyclone II FPGA Family Features (Part 2 of 2)
Feature
EP2C5 (2)
EP2C8 (2)
EP2C15 (1)
EP2C20 (2)
EP2C35
EP2C50
EP2C70


Similar Part No. - EP2C70A70F324I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C70 ALTERA-EP2C70 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C70 ALTERA-EP2C70 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C70 ALTERA-EP2C70 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C70 ALTERA-EP2C70 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C70 ALTERA-EP2C70 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C70A70F324I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com