Selected language     English  ā–¼


S-100 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. S-100
Description  100W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
SPECIFICATION
S-100-3
S-100-5
S-100-7.5 S-100-10
S-100-12
S-100-15
S-100-18
S-100-24
S-100-27 S-100-36
S-100-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
SAFETY &
EMC
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
3V
5V
7.5V
10V
12V
15V
18V
24V
27V
36V
48V
20A
20A
13.6A
10A
8.5A
6.7A
5.6A
4.5A
3.7A
2.7A
2A
0~20A
0~20A
0~13.6A
0~10A
0~8.5A
0~6.7A
0~5.6A
0~4.5A
0~3.7A
0~2.7A
0~2A
60W
100W
102W
100W
102W
100.5W
100.8W
108W
99.9W
97.2W
96W
100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p
2.85~3.3V 4.75~5.5V 6.75~8.25V 9~11V
10.8~13.2V 13.5~16.5V 16.2~19.8V 21.6~26.4V 26~32V
32.4~39.6V 43.2~52.8V
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
0.3%
0.2%
0.2%
0.2%
0.2%
0.5%
0.5%
0.5%
0.2%
0.2%
0.2%
0.2%
200ms,80msatfullload
24msatfullload
85~132VAC/180~264VACselectedbyswitch255~370VDC
47~63Hz
70%
78%
80%
80%
81%
81%
82%
84%
84%
84%
84%
1.9A/115VAC0.96A/230VAC
COLDSTART 27A/115VAC54A/230VAC
<1mA /240VAC
105~150% ratedoutputpower(130~180%ofratedoutputpowerforS-100-5,S-100-36;150~200%ofratedoutputpowerforS-100-7.5)
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
DesignrefertoUL1012
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
322.4Khrsmin.MIL-HDBK-217F(25
)
199*98*38mm(L*W*H)
0.62Kg;20pcs/13.6Kg/0.8CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
FileName:S-100-SPEC2008-04-10
Designreferto FCCPart15JConductionClassB
100WSingleOutputSwitchingPowerSupply
AC input range selectable by switch
Protections: Short circuit / Overload
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 25KHz
Low cost
High reliability
1 year warranty
Features :
S - 1 0 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RS-100100W Single Output Switching Power Supply 1 2 Astrodyne Corporation
RS-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
S-100F100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
CLG-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AS-100F100W Single Output Switching Power Supply 1 2 Astrodyne Corporation
NES-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
PLC-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
PLN-100100W Single Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
RS-5050W Single Output Switching Power Supply 1 2 Astrodyne Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl