Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCP-1K2-60 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SCP-1K2-60
Description  900~1200W Parallel (N1) With PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCP-1K2-60 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SCP-1K2-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCP-1K2-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCP-1K2-60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
File Name: SCP-1K2-SPEC 2008-05-06
Control terminal instruction manual
PARALLEL OPERATION WITHOUT REMOTE SENSING
PARALLEL OPERATION WITH REMOTE SENSING
ON/OFF CONTROL BY SWITCH
REMOTE SENSING
LOAD
ON/OFF CONTROL BY TRANSISTOR
LOAD
ON/OFF SWITCH
LOAD
L:OFF
H:ON
LOAD
LOAD
USING INTERNAL VOLTAGE CONTROL
GND
INH
VS+
VCO
PG
PAR
VCI
VS-
LOAD
INH
PAR
GND
VCO
PG
VS-
VCI
VS+
INH
GND
PAR
PG
VCO
VCI
VS-
VS+
VCO
PAR
GND
PG
INH
VS-
VCI
VS+
VCO
GND
INH
PG
PAR
VS-
VCI
VS+
VCO
PAR
INH
GND
PG
VS+
VCI
VS-
VS-
VCI
VS+
PG
GND
INH
PAR
VCO
VCO
PAR
GND
INH
PG
VS+
VS-
VCI
VCO
INH
GND
PG
PAR
VS-
VCI
VS+
PG
INH
GND
PAR
VS+
VS-
VCI
VCO
GOOD
:LED ON
DC 1-5V
OUTPUT VOLTAGE ADJUST WITH DC 1-5V
LOAD
VS+
VS-
VCI
VCO
PAR
GND
INH
PG
LOAD
INH
PAR
GND
VCO
PG
VS-
VCI
VS+
40V / 0.5A MAX.
: LED OFF
FAIL
POWER GOOD SIGNAL
123456
O.V.P. 120% (Typ.)
V
Vout
100
120
40
60
80
20
EXTERNAL VOLTAGE (DC)
Non-Linear
SCP-1K2 series
900~1200W Parallel (N+1) With PFC Function


Similar Part No. - SCP-1K2-60

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCP-1K2-60 ASTRODYNE-SCP-1K2-60 Datasheet
1Mb / 3P
   900~1200W Parallel Type With PFC Function
logo
RSG Electronic Componen...
SCP-1K2-60 RSG-SCP-1K2-60 Datasheet
157Kb / 2P
   900~1200W Parallel Type With PFC Function
More results

Similar Description - SCP-1K2-60

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
SCP-1K2 RSG-SCP-1K2 Datasheet
157Kb / 2P
   900~1200W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-1K2 ASTRODYNE-SCP-1K2 Datasheet
1Mb / 3P
   900~1200W Parallel Type With PFC Function
SCN-1K2 ASTRODYNE-SCN-1K2 Datasheet
418Kb / 3P
   1200W With Parallel Function
logo
Mean Well Enterprises C...
SCP-2K4 MEANWELL-SCP-2K4 Datasheet
148Kb / 4P
   2400W Parallel (N1) With PFC Function
SCP-800 MEANWELL-SCP-800 Datasheet
339Kb / 3P
   800W Parallel (N1) With PFC Function
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
SCN-1K2 MEANWELL-SCN-1K2 Datasheet
325Kb / 3P
   1200W Single Output With Parallel Function
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
RSG Electronic Componen...
SCP-2K4 RSG-SCP-2K4 Datasheet
418Kb / 4P
   2400W Parallel Type With PFC Function
logo
Total Power Internation...
PSP-500 TOTAL-POWER-PSP-500 Datasheet
212Kb / 5P
   500W with PFC and Parallel Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com