Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-350C Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SD-350C
Description  350W Single Output DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-350C Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-350C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-350C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-350C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
OVERTEMPERATURE
SAFETY STANDARDS
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
105~135% ratedoutputpower
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
95
5
(TSW1)detectonmainpowertransistor
±
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
CompliancetoEN55022(CISPR22)ClassB
CompliancetoEN61000-4-2,3,4,6,8;ENV50204,lightindustrylevel,criteria A
-20~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
± 0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
209.4Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.1Kg;12pcs/14.4Kg/0.92CUFT
FileName:SD-350-SPEC2007-10-25
350WSingleOutputDC-DCConverter
Features :
S D - 3 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
SAFETY &
EMC
(Note4)
EMICONDUCTION&RADIATION
ENVIRONMENT
PROTECTION
1. All parameters NOT specially mentioned are measured at 24,48,96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
SD-350B
SD-350C
5V
5V
12V
12V
24V
24V
48V
48V
57A
60A
27.5A
27.5A
14.6A
14.6A
7.3A
7.3A
0~57A
0~60A
0~27.5A
0~27.5A
0~14.6A
0~14.6A
0~7.3A
0~7.3A
285W
300W
330W
330W
350.4W
350.4W
350.4W
350.4W
100mVp-p
100mVp-p
120mVp-p
120mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
± 2.0%
± 2.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
4.5~5.5VDC
4.5~5.5VDC
11~16VDC
11~16VDC
23~30VDC
23~30VDC
43~53VDC
43~53VDC
± 0.5%
± 0.5%
± 0.3%
± 0.3%
± 0.2%
± 0.2%
± 0.2%
± 0.2%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
300ms,50msatfullload
B:19~36VDCC:36~72VDCD:72~144VDC
74%
76%
14.4A/24V
7.6A/48V
80%
81%
80%
81%
84%
82%
16A/24V
8.8A/48V
17.6A/24V
9.0A/48V
17.6A/24V
9.0A/48V
C:45A/48VDCD:45A/96VDC
5.75~6.75V
5.75~6.75V
16.8~20V
16.8~20V
31.5~37.5V
31.5~37.5V
53~65V
53~65V
IEC60950-1CBapprovedby TUV(forDtypeonly)
2:1 wide input range
Protections: Short circuit / Overload / Over voltage / Over temperature
1500VDC I/O isolation
Forced air cooling by built-in DC Fan
100% full load burn-in test
24V and 48V input voltage design refer to LVD
2 years warranty
(for D type only)


Similar Part No. - SD-350C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-350C ASTRODYNE-SD-350C Datasheet
336Kb / 3P
   350W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-350C MEANWELL-SD-350C Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
SD-350C MEANWELL-SD-350C Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-350C ASTRODYNE-SD-350C Datasheet
1Mb / 3P
   350W Single Output DC-DC Converter
More results

Similar Description - SD-350C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-350_1109 MEANWELL-SD-350_1109 Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
SD-350D-24 MEANWELL-SD-350D-24 Datasheet
413Kb / 3P
   350W Single Output DC-DC Converter
SD-350 MEANWELL-SD-350_10 Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-350 ASTRODYNE-SD-350 Datasheet
336Kb / 3P
   350W Single Output DC-DC Converter
SD350 ASTRODYNE-SD350 Datasheet
1Mb / 3P
   350W Single Output DC-DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com