Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE-1500-12 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SE-1500-12
Description  1500W Single Output Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SE-1500-12 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SE-1500-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SE-1500-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SE-1500-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+
+
+
BetweenDC_OK(pin1)andGND(pin2)
3.3~5.6V
0~1V
OutputStatus
ON
OFF
DC_OKSignalisa TTL levelsignal.HighwhenPSUturnson.
1.DC_OKSignal
FunctionManual
FunctionDescriptionofCN3
PinNo. Function Description
4
5
2
3
6
1
+S
RC-
GND
-S
RC+
DC_OK
ReturnforRC+signalinput.
Thispinconnectstothenegativeterminal(-V).ReturnforDC_OKsignaloutput.
Turnstheoutputonandoffbyelectricalordrycontactbetweenpin6(RC+)andpin5(RC-).0~0.8V:PowerON,4~10V:PowerOFF.
DC_OKsignalisa TTL levelsignal,referencedtopin2(DC_OKGND).HighwhenPSUturnson.
Negativesensing. The-Ssignalshouldbeconnectedtothenegativeterminaloftheload. The-Sand+Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect.
Positivesensing. The+Ssignalshouldbeconnectedtothepositiveterminaloftheload. The+Sand-Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect.
BetweenRC+(pin6)andRC-(pin5)
SWOFF(0~0.8V)
SWON(4~10V)
OutputStatus
ON
OFF
ThePSUcanbeturnedON/OFFbyusingthe"RemoteControl"function.
2.RemoteControl
3.RemoteSense
-V
-V
-V
+V
+V
+V
ADJ
ADJ
ADJ
CN3
CN3
CN3
RC+
ExternalPower
Source
Connectorforremotecontrol
RC-
SW
I=6~20mA
I=10mA
max.
Senselinesshould
betwistedinpairs
+S
(pin4)
-S
(pin3)
+S
G
-S
RC-
RC+
DC
OK
1500WSingleOutputPowerSupply
S E - 1 5 0 0 series
FileName:SE-1500-SPEC2008-12-23
-
-
-
+
+
+
+S
+S
G
L
L
L
N
N
N
G
-S
-S
RC-
RC-
RC+
RC+
DC
OK
DC
OK
DC_OK
LOAD
LOAD
LOAD
G


Similar Part No. - SE-1500-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-1500-12 MEANWELL-SE-1500-12 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
SE-1500-12 MEANWELL-SE-1500-12 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
More results

Similar Description - SE-1500-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
RSP-1500_1112 MEANWELL-RSP-1500_1112 Datasheet
310Kb / 4P
   1500W Single Output Power Supply
RSP-1500 MEANWELL-RSP-1500 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com