Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-480 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-480
Description  480W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-480 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-480 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-480 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:SP-480-SPEC2007-10-25
CaseNo.929A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
4~6
3
2
7~9
Assignment
Assignment
AC/L
-V
FG
AC/N
+V
-20
0
10
20
30
40
50
60
90
85
115
120
140
165
180
200
220
240
260
100
90
80
70
60
50
40
Ta=25
ConnectorP
(CN51):
inNo. Assignment
HRSDF11-6DP-2DSorequivalent
PinNo.
PinNo.
4
1
5
6
2
3
Assignment
Assignment
N.C.
GND
RC+
+S
RC-
-S
MatingHousing
HRSDF11-6DS
orequivalent
Terminal
HRSDF11-**SC
orequivalent
20
40
60
80
100
Others
3.3,5VOnly
1
2
1
2
Airflow
3
ADJ.
1
2
3
4
5
7
6
8
9
CN51 2
1
6
5
4
8-M4L=6(BothSides)
31
216
278
direction
4-M4
21
31
216
18max.
1.5
(HORIZONTAL)
BlockDiagram
fosc:100KHz
PFC/PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
P.F.C.
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
RC+
I/P
FG
ING
CONTROL
O.V.P.
INRUSH
CURRENT
ACTIVE
LIMITING
FAN
RC-
O.T.P.
+S
-V(GND)
-S
480WSingleOutputwithPFCFunction
S P - 4 8 0 series


Similar Part No. - SP-480

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-480 ASTRODYNE-SP-480 Datasheet
318Kb / 2P
   480W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-480 RSG-SP-480 Datasheet
122Kb / 2P
   480W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-480 MEANWELL-SP-480 Datasheet
352Kb / 2P
   480W Single Output with PFC Function
logo
Total Power Internation...
SP-480 TOTAL-POWER-SP-480 Datasheet
449Kb / 2P
   480W Single Output with PFC Function
logo
Astrodyne Corporation
SP-480-12 ASTRODYNE-SP-480-12 Datasheet
318Kb / 2P
   480W Single Output with PFC Function
More results

Similar Description - SP-480

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-480 TOTAL-POWER-SP-480 Datasheet
449Kb / 2P
   480W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-480 RSG-SP-480 Datasheet
122Kb / 2P
   480W Single Output with PFC Function
logo
Astrodyne Corporation
SP480 ASTRODYNE-SP480 Datasheet
342Kb / 4P
   480W Single Output with PFC Function
SP-480 ASTRODYNE-SP-480 Datasheet
318Kb / 2P
   480W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-480 MEANWELL-SP-480_10 Datasheet
352Kb / 2P
   480W Single Output with PFC Function
SP-480_1109 MEANWELL-SP-480_1109 Datasheet
351Kb / 2P
   480W Single Output with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
   480W Single Output DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S_09 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S_11 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S Datasheet
149Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com