Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTDB04F2 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MTDB04F2
Description  HOUSING WITH IDC CONTACT .100 & .156 CENTERLINE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MTDB04F2 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MTDB04F2 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
286
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
INTRODUCTION:
Adam Tech’s MTD Series .100" & .156" Housings with IDC contacts
are designed to quickly and easily mass terminate discrete wires or
pre-notched flat cable. Our
stamped contacts are designed to
feature a precision, gas tight IDC connection at the wire end and a
high pressure, smooth wiping action connection on the mating
connector end. Both are available with optional cover in feed through
or closed end styles.
FEATURES:
Easily mass terminates discrete wire and pre-notched flat cable
Housings have pre-inserted IDC contacts
High performance Gas tight IDC connection
Optional Feed through or Closed end cover
SPECIFICATIONS:
Material:
Insulator: Nylon 66, rated UL94V-2
Insulator Color: Natural
Contacts: Phosphor bronze and Brass
Contact Plating:
Tin over copper underplate overall
Electrical:
Operation voltage: 250V AC max.
Current rating:
.100" centers: 4. Amp max.
.156" centers: 6 Amp max.
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Mating force:
.100" & .156" Center: 1.3 lbs max
Unmating force:
.100" Center: 0.5 lbs min
.156" Center: 1.3 lbs min
.100" Centers: Wire size: 28 Awg to 22 Awg
.156" Centers: Wire size: 26 Awg to 18 Awg
Temperature Rating:
Operating temperature: -55°C to +85°C
PACKAGING:
Anti-ESD plastic bags
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
HOUSING WITH IDC CONTACT
.100" & .156" CENTERLINE
MTD SERIES
ORDERING INFORMATION
MTD
A
07
B
1
SERIES
INDICATOR
MTD = IDC
Mass Termination
Housing
CENTERLINES
A = .100"
B = .156"
TYPE
1 = Feed through
2 = Closed end
POSITIONS
02 Thru 28
WIRE AWG.
A = 18 AWG.
B = 20 AWG.
C = 22 AWG.
D = 24 AWG.
E = 26 AWG.
F = 28 AWG.
MTD-AC
SERIES INDICATOR
MTD-AC = Cover for
.100" MTD-A IDC Mass
Termination Housing
MTD-BC = Cover for
.156" MTD-C IDC Mass
Termination Housing
10
POSITIONS
02 Thru 24
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - MTDB04F2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTDB6N20H8 CYSTEKEC-MTDB6N20H8 Datasheet
598Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTDB6N20H8-0-T6-G CYSTEKEC-MTDB6N20H8-0-T6-G Datasheet
598Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTDB04F2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTD-A-04-D-1 ADAM-TECH-MTD-A-04-D-1 Datasheet
120Kb / 1P
   HOUSING WITH IDC CONTACT .100 & .156 CENTERLINE
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
   .100 IDC CARD EDGE .100 [2.54] CENTERLINE
FCE34SG ADAM-TECH-FCE34SG Datasheet
122Kb / 1P
   .100 IDC CARD EDGE .100 [2.54] CENTERLINE
FTR40T ADAM-TECH-FTR40T Datasheet
127Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
   .100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
   .100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
logo
Molex Electronics Ltd.
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com