Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-30B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # T-30B
Description  30W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

T-30B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  T-30B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. T-30B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
OutputDerating
StaticCharacteristics(B)
FileName:T-30-SPEC2004-06-30
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
TerminalPin.No Assignment
PinNo.
PinNo.
PinNo.
1
2
4
3
5
6
7
Assignment
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V2
DCOUTPUT COM
DCOUTPUT +V1
FG
AC/L
AC/N
-10
0
20
10
30
40
20
40
80
60
100
60
50
(HORIZONTAL)
(VERTICAL)
55
45
0
-10
+5V
+12V
+5V
120
170
190
180
220
230
210
200
240
260
250
13
7
9
8
12
11
10
125
130
120
100
105
115
110
90
95
85
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
60
4.0
-12V
-12V
+12V
7
6
5
4
3
2
1
4.5
73.5
122.5
129
3 -M
3
120
6.5
77
32
3 .5
CaseNo.903Unit:mm
30W TripleOutputSwitchingPowerSupply
T- 3 0 series


Similar Part No. - T-30B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T-30 COOPER-T-30 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
T-30 EATON-T-30 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
3M Electronics
T-30 3M-T-30 Datasheet
281Kb / 5P
   3M??Petroleum Sorbents
logo
Rhombus Industries Inc.
T-30000 RHOMBUS-IND-T-30000 Datasheet
35Kb / 1P
   Low Cost Multi-Purpose Audio Transformers
T-30001 RHOMBUS-IND-T-30001 Datasheet
35Kb / 1P
   Low Cost Multi-Purpose Audio Transformers
More results

Similar Description - T-30B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-30 MEANWELL-D-30 Datasheet
422Kb / 2P
   30W Dual Output Switching Power Supply
ID-30B MEANWELL-ID-30B Datasheet
355Kb / 2P
   30W Dual Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
RT125 ASTRODYNE-RT125 Datasheet
293Kb / 4P
   125W Triple Output Switching Power Supply
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com