Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN12C Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN12C
Description  N-Channel Enhancement-Mode Vertical DMOS Power FETs????
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN12C Datasheet(HTML) 2 Page - Supertex, Inc

  VN12C Datasheet HTML 1Page - Supertex, Inc VN12C Datasheet HTML 2Page - Supertex, Inc VN12C Datasheet HTML 3Page - Supertex, Inc VN12C Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - VN12C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VN12 SCHNEIDER-VN12 Datasheet
127Kb / 3P
   TeSys Mini-VARIO - Switch body for switchdisconnector - 3 poles - 12 A
VN12 SCHNEIDER-VN12 Datasheet
143Kb / 3P
   TeSys Mini-VARIO - Switch body for switch-disconnector - 3 poles - 12 A
Jun 13, 2022
logo
SHIELD s.r.l.
VN1202A00 SHIELD-VN1202A00 Datasheet
175Kb / 2P
   For electrovalves, style C-ind, 2p or 3pG, female, field attachable
VN1203A00 SHIELD-VN1203A00 Datasheet
175Kb / 2P
   For electrovalves, style C-ind, 2p or 3pG, female, field attachable
logo
Supertex, Inc
VN1204N1 SUTEX-VN1204N1 Datasheet
140Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
More results

Similar Description - VN12C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN03F SUTEX-VN03F Datasheet
134Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
VN12A SUTEX-VN12A Datasheet
140Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
VN13C SUTEX-VN13C Datasheet
139Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs????
IRF520 SUTEX-IRF520 Datasheet
74Kb / 2P
   N - CHANNEL ENHANCEMENT MODE VERTICAL DMOS POWER FETs
IRF510 SUTEX-IRF510 Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs
IRF531 SUTEX-IRF531 Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN02A SUTEX-VN02A Datasheet
144Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN02C SUTEX-VN02C Datasheet
141Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
VN1206D SUTEX-VN1206D Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN0300D SUTEX-VN0300D Datasheet
65Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
VN11C SUTEX-VN11C Datasheet
136Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs???
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com